Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N16L163WC2C Datasheet(PDF) 8 Page - NanoAmp Solutions, Inc.

Part # N16L163WC2C
Description  16Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 16 bit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NANOAMP [NanoAmp Solutions, Inc.]
Direct Link  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N16L163WC2C Datasheet(HTML) 8 Page - NanoAmp Solutions, Inc.

Back Button N16L163WC2C Datasheet HTML 3Page - NanoAmp Solutions, Inc. N16L163WC2C Datasheet HTML 4Page - NanoAmp Solutions, Inc. N16L163WC2C Datasheet HTML 5Page - NanoAmp Solutions, Inc. N16L163WC2C Datasheet HTML 6Page - NanoAmp Solutions, Inc. N16L163WC2C Datasheet HTML 7Page - NanoAmp Solutions, Inc. N16L163WC2C Datasheet HTML 8Page - NanoAmp Solutions, Inc. N16L163WC2C Datasheet HTML 9Page - NanoAmp Solutions, Inc. N16L163WC2C Datasheet HTML 10Page - NanoAmp Solutions, Inc. N16L163WC2C Datasheet HTML 11Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Stock No. 23383-C
8
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N16L163WC2C
Advance Information
Data Retention Waveform
Note: Full device operation requires linear Vcc ramp from VDR to Vcc(min) > 100 µs
Data Retention Characteristics
Parameter
Description
Condition
Min
Typ
Max
Unit
VDR
Vcc for Data Retention
1.5
V
ICCDR
Data Retention Current
Vcc = 1.5V, CE
≥ Vcc - 0.2V,
VIN
≥ Vcc - 0.2V or VIN ≤ 0.2V
15
µA
-L
10
tCDR
Chip Deselect to Data
Retention Time
0ns
tR
Operation Recovery Time
tRC
ns
Vcc
CE1 or
LB/UB
or
CE2
Data Retention Mode
VDR 1.5V
tCDR
tR
Vcc(min)
Vcc(min)


Similar Part No. - N16L163WC2C

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
N16B-0558-B240 FUJITSU-N16B-0558-B240 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N16B-0558-B240 FUJITSU-N16B-0558-B240 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
N16B-0558-B270 FUJITSU-N16B-0558-B270 Datasheet
453Kb / 7P
   STANDARD Resistive Touch Panel Specification
N16B-0558-B720 FUJITSU-N16B-0558-B720 Datasheet
320Kb / 7P
   Resistive Touch Panel Specification
N16B-0558-B720 FUJITSU-N16B-0558-B720 Datasheet
570Kb / 7P
   STANDARD Resistive Touch Panel Specification 7-Wire Series
More results

Similar Description - N16L163WC2C

ManufacturerPart #DatasheetDescription
logo
NanoAmp Solutions, Inc.
N08L083WC2C NANOAMP-N08L083WC2C Datasheet
216Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K 횞 8 bit
N16T1630C2B NANOAMP-N16T1630C2B Datasheet
245Kb / 9P
   16Mb Ultra-Low Power Asynchronous CMOS SRAM
N08L163WC2C NANOAMP-N08L163WC2C Datasheet
241Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N01L63W3A ONSEMI-N01L63W3A Datasheet
647Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
logo
NanoAmp Solutions, Inc.
N08L163WC2A NANOAMP-N08L163WC2A Datasheet
250Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
N04L163WC2A NANOAMP-N04L163WC2A Datasheet
265Kb / 11P
   4Mb Ultra-Low Power Asynchronous CMOS SRAM 256K 횞 16 bit
logo
ON Semiconductor
N01L63W2A ONSEMI-N01L63W2A Datasheet
657Kb / 10P
   1Mb Ultra-Low Power Asynchronous CMOS SRAM 64K 횞 16 bit
July 2008 - Rev. 9
logo
NanoAmp Solutions, Inc.
N02L163WC2A NANOAMP-N02L163WC2A Datasheet
264Kb / 11P
   2Mb Ultra-Low Power Asynchronous CMOS SRAM 128K 횞 16 bit
N08L163WC1C NANOAMP-N08L163WC1C Datasheet
222Kb / 9P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
logo
ON Semiconductor
N08L63W2A ONSEMI-N08L63W2A Datasheet
192Kb / 10P
   8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K 횞 16 bit
July 2008 - Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com