Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N08M163WL1A Datasheet(PDF) 8 Page - NanoAmp Solutions, Inc.

Part No. N08M163WL1A
Description  8Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 512Kx16 bit
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NANOAMP [NanoAmp Solutions, Inc.]
Homepage  http://www.nanoamp.com
Logo 

N08M163WL1A Datasheet(HTML) 8 Page - NanoAmp Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Stock No. 23319-01 11/01/02
8
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N08M163WL1A
Ball Grid Array Package
© 2001 - 2002 Nanoamp Solutions, Inc. All rights reserved.
NanoAmp Solutions, Inc. ("NanoAmp") reserves the right to change or modify the information contained in this data sheet and the products described therein, without prior notice.
NanoAmp does not convey any license under its patent rights nor the rights of others. Charts, drawings and schedules contained in this data sheet are provided for illustration pur-
poses only and they vary depending upon specific applications.
NanoAmp makes no warranty or guarantee regarding suitability of these products for any particular purpose, nor does NanoAmp assume any liability arising out of the application
or use of any product or circuit described herein. NanoAmp does not authorize use of its products as critical components in any application in which the failure of the NanoAmp
product may be expected to result in significant injury or death, including life support systems and critical medical instruments.
Ordering Information
Revision History
Revision #
Date
Change Description
01
11/01/02
Initial Release
10 mm
8 mm
0.75 mm
0.75 mm
BOTTOM VIEW
N08M163WL1AX-XX X
I = Industrial, -40°C to 85°C
70 = 70ns @ 2.7V
B = 48-ball BGA
D = Known Good Die
Temperature
Performance
Package Type
Note: Add -T&R following the part number for Tape and Reel. Orders will be
considered in tray if not noted.


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn