Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICS932S200YF-T Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS932S200YF-T
Description  Frequency Timing Generator for Dual Server/Workstation Systems
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS932S200YF-T Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS932S200YF-T Datasheet HTML 4Page - Integrated Circuit Systems ICS932S200YF-T Datasheet HTML 5Page - Integrated Circuit Systems ICS932S200YF-T Datasheet HTML 6Page - Integrated Circuit Systems ICS932S200YF-T Datasheet HTML 7Page - Integrated Circuit Systems ICS932S200YF-T Datasheet HTML 8Page - Integrated Circuit Systems ICS932S200YF-T Datasheet HTML 9Page - Integrated Circuit Systems ICS932S200YF-T Datasheet HTML 10Page - Integrated Circuit Systems ICS932S200YF-T Datasheet HTML 11Page - Integrated Circuit Systems ICS932S200YF-T Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
ICS932S200
0427C—07/03/02
Electrical Characteristics - 48MHz, REF
TA = 0 - 70º C; VDD = 3.3 V +/-5%, VDDL = 2.5 V +/-5%; CL = 20 pF (unless otherwise stated)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Output High Voltage
VOH5
IOH = -12 mA
2.6
2.9
V
Output Low Voltage
VOL5
IOL =9mA
0.3
0.4
V
Output High Current
IOH5
VOH =2.0 V
-35
-22
mA
Output Low Current
IOL5
VOL =0.8 V
17
23
mA
Rise Time
1
tr5
VOL =0.4 V, VOH = 2.4 V, 48MHz
1.9
4
ns
Fall Time
1
tf5
VOH =2.4 V, VOL =0.4 V, 48MHz
2
4
ns
Duty Cycle
1
dt5
VT = 1.5 V, 48MHz
45
50.2
55
%
Rise Time
1
tr5
VOL = 0.4 V, VOH = 2.4 V, REF
0.7
N/A
ns
Fall Time
1
tf5
VOH = 2.4 V, VOL = 0.4 V, REF
0.5
N/A
ns
Duty Cycle
1
dt5
VT = 1.5 V, REF
45
52
N/A
%
Jitter, Cycle-to-cycle
1
tjcyc-cyc5
VT = 1.5 V, 48MHz
239
500
ps
Jitter, Cycle-to-cycle
1
tjcyc-cyc5
VT = 1.5 V, REF
413
1000
ps
1
Guaranteed by design, not 100% tested in production.


Similar Part No. - ICS932S200YF-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS932S200 RENESAS-ICS932S200 Datasheet
413Kb / 14P
   Frequency Timing Generator for Dual Server/Workstation Systems
2019
More results

Similar Description - ICS932S200YF-T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS932S200 RENESAS-ICS932S200 Datasheet
413Kb / 14P
   Frequency Timing Generator for Dual Server/Workstation Systems
2019
logo
Integrated Circuit Syst...
ICS9169A-70 ICST-ICS9169A-70 Datasheet
197Kb / 7P
   Frequency Generator for Workstation Systems
logo
Integrated Device Techn...
ICS9169A-70 IDT-ICS9169A-70 Datasheet
202Kb / 7P
   Frequency Generator for Workstation Systems
logo
Integrated Circuit Syst...
ICS952301 ICST-ICS952301 Datasheet
588Kb / 12P
   Frequency Timing Generator for Transmeta Systems
ICS9248-192 ICST-ICS9248-192 Datasheet
105Kb / 12P
   Frequency Timing Generator for Transmeta Systems
logo
Renesas Technology Corp
ICS9248-192 RENESAS-ICS9248-192 Datasheet
387Kb / 14P
   Frequency Timing Generator for Transmeta Systems
2019
logo
Integrated Circuit Syst...
ICS932S202 ICST-ICS932S202 Datasheet
105Kb / 14P
   Frequency Timing Generator for Differential PIIIType Dual-CPU Systems
ICS9248-65 ICST-ICS9248-65 Datasheet
264Kb / 10P
   Frequency Timing Generator for PENDIUM II Systems
ICS9248-73 ICST-ICS9248-73 Datasheet
356Kb / 15P
   Frequency Timing Generator for Pentium II Systems
ICS9250-14 ICST-ICS9250-14 Datasheet
410Kb / 13P
   Frequency Timing Generator for Pentium II Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com