Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N08L163WC2A Datasheet(PDF) 1 Page - NanoAmp Solutions, Inc.

Part No. N08L163WC2A
Description  8Mb Ultra-Low Power Asynchronous CMOS SRAM 512K × 16 bit
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NANOAMP [NanoAmp Solutions, Inc.]
Homepage  http://www.nanoamp.com
Logo 

N08L163WC2A Datasheet(HTML) 1 Page - NanoAmp Solutions, Inc.

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
NanoAmp Solutions, Inc.
670 North McCarthy Blvd. Suite 220, Milpitas, CA 95035
ph: 408-935-7777, FAX: 408-935-7770
www.nanoamp.com
N08L163WC2A
(DOC# 14-02-020 REV F ECN# 01-1281)
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
8Mb Ultra-Low Power Asynchronous CMOS SRAM
512K × 16 bit
Overview
The N08L163WC2A is an integrated memory
device containing a 8 Mbit Static Random Access
Memory organized as 524,288 words by 16 bits.
The device is designed and fabricated using
NanoAmp’s advanced CMOS technology to
provide both high-speed performance and ultra-low
power. The device operates with two chip enable
(CE1 and CE2) controls and output enable (OE) to
allow for easy memory expansion. Byte controls
(UB and LB) allow the upper and lower bytes to be
accessed independently and can also be used to
deselect the device. The N08L163WC2A is optimal
for various applications where low-power is critical
such as battery backup and hand-held devices.
The device can operate over a very wide
temperature range of -40oC to +85oC and is
available in JEDEC standard packages compatible
with other standard 512Kb x 16 SRAMs
Features
• Single Wide Power Supply Range
2.3 to 3.6 Volts
• Very low standby current
4.0µA at 3.0V (Typical)
• Very low operating current
2.0mA at 3.0V and 1µs(Typical)
• Very low Page Mode operating current
1.0mA at 3.0V and 1µs (Typical)
• Simple memory control
Dual Chip Enables (CE1 and CE2)
Byte control for independent byte operation
Output Enable (OE) for memory expansion
• Low voltage data retention
Vcc = 1.8V
• Very fast output enable access time
25ns OE access time
• Very fast Page Mode access time
tAAP = 25ns
• Automatic power down to standby mode
• TTL compatible three-state output driver
Pin Configuration
Product Family
Part Number
Package Type
Operating
Temperature
Power
Supply
(Vcc)
Speed
Standby
Current (ISB),
Typical
Operating
Current (Icc),
Typical
N08L163WC2AB
48 - BGA
-40oC to +85oC 2.3V - 3.6V
70ns@2.7V
85ns @ 2.3V
4
µA2 mA @ 1MHz
N08L163WC2AB2 48 - BGA Green
12
34
56
A
LB
OE
A0
A1
A2
CE2
B I/O8 UB
A3
A4
CE1
I/O0
C I/O9 I/O10 A5
A6
I/O1
I/O2
D VSS I/O11 A17 A7 I/O3 VCC
E VCC I/O12 NC A16 I/O4 VSS
F I/O14 I/O13 A14 A15 I/O5 I/O6
G I/O15 NC A12 A13 WE I/O7
H A18 A8
A9
A10
A11
NC
48 Pin BGA (top)
8 x 10 mm
Pin Descriptions
Pin Name
Pin Function
A0-A18
Address Inputs
WE
Write Enable Input
CE1, CE2
Chip Enable Input
OE
Output Enable Input
LB
Lower Byte Enable Input
UB
Upper Byte Enable Input
I/O0-I/O15
Data Inputs/Outputs
VCC
Power
VSS
Ground
NC
Not Connected


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn