Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

N08L083WC2C Datasheet(PDF) 1 Page - NanoAmp Solutions, Inc.

Part No. N08L083WC2C
Description  8Mb Ultra-Low Power Asynchronous CMOS SRAM 1024K × 8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NANOAMP [NanoAmp Solutions, Inc.]
Homepage  http://www.nanoamp.com
Logo 

N08L083WC2C Datasheet(HTML) 1 Page - NanoAmp Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NanoAmp Solutions, Inc.
670 North McCarthy Blvd. Suite 220, Milpitas, CA 95035
ph: 408-935-7777, FAX: 408-935-7770
www.nanoamp.com
N08L083WC2C
Stock No. 23379-A
1
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
Advance Information
8Mb Ultra-Low Power Asynchronous CMOS SRAM
1024K × 8 bit
Overview
The N08L083WC2C is an integrated memory
device containing a 8 Mbit Static Random Access
Memory organized as 1,048,576 words by 8 bits.
The device is designed and fabricated using
NanoAmp’s advanced CMOS technology to
provide both high-speed performance and ultra-low
power. The device operates with two chip enable
(CE1 and CE2) controls and output enable (OE) to
allow for easy memory expansion. The
N08L083WC2C is optimal for various applications
where low-power is critical such as battery backup
and hand-held devices. The device can operate
over a very wide temperature range of -40oC to
+85oC and is available in JEDEC standard
packages compatible with other standard 512Kb x
16 SRAMs
Features
• Single Wide Power Supply Range
2.2 to 3.6 Volts
• Very low standby current
2.0µA at 3.0V (Typical)
• Very low operating current
1.5mA at 3.0V and 1µs(Typical)
• Simple memory control
Dual Chip Enables (CE1 and CE2)
Byte control for independent byte operation
Output Enable (OE) for memory expansion
• Low voltage data retention
Vcc = 1.5V
• Very fast output enable access time
25ns OE access time
• Automatic power down to standby mode
• TTL compatible three-state output driver
• Ultra Low Power Sort Available
Pin Configuration
Product Family
Part Number
Package Type
Operating
Temperature
Power
Supply (Vcc)
Speed
Standby
Current
(ISB),
Typical
Operating Current
(Icc), Typical
N08L083WC2CT1 44 TSOP II Pb Free
-40oC to +85oC
2.2V - 3.6V
55ns
2
µA
1.5 mA @ 1MHz
PIN
ONE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
A4
A3
A2
A1
A0
CE
DNU
DNU
I/O0
I/O1
VCC
VSS
I/O2
I/O3
DNU
DNU
WE
A19
A18
A17
A16
A15
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A5
A6
A7
OE
CE2
A8
DNU
DNU
I/O7
I/O6
VSS
VCC
I/O5
I/O4
DNU
DNU
A9
A10
A11
A12
A13
A14
Pin Descriptions
Pin Name
Pin Function
A0-A19
Address Inputs
WE
Write Enable Input
CE1, CE2
Chip Enable Input
OE
Output Enable Input
I/O0-I/O7
Data Inputs/Outputs
VCC
Power
VSS
Ground
NC
Not Connected


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn