Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N04M1618L1A Datasheet(PDF) 5 Page - NanoAmp Solutions, Inc.

Part No. N04M1618L1A
Description  4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NANOAMP [NanoAmp Solutions, Inc.]
Homepage  http://www.nanoamp.com
Logo 

N04M1618L1A Datasheet(HTML) 5 Page - NanoAmp Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Stock No. 23209-01 11/01/02
5
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N04M1618L1A
Timing Test Conditions
Item
Input Pulse Level
0.1VCC to 0.9 VCC
Input Rise and Fall Time
5ns
Input and Output Timing Reference Levels
0.5 VCC
Output Load
CL = 30pF
Operating Temperature
-40 to +85 oC
Timing VCCQ > or = VCC
Item
Symbol
VCC = 1.4 - 2.3 V
VCC = 1.7 - 2.3 V
Units
Min.
Max.
Min.
Max.
Read Cycle Time
tRC
150
85
ns
Address Access Time
tAA
150
85
ns
Chip Enable to Valid Output
tCO
150
85
ns
Output Enable to Valid Output
tOE
50
40
ns
Chip Enable to Low-Z output
tLZ
20
10
ns
Output Enable to Low-Z Output
tOLZ
20
5
ns
Chip Disable to High-Z Output
tHZ
0300
15
ns
Output Disable to High-Z Output
tOHZ
0300
15
ns
Output Hold from Address Change
tOH
20
10
ns
Write Cycle Time
tWC
150
85
ns
Chip Enable to End of Write
tCW
75
50
ns
Address Valid to End of Write
tAW
75
50
ns
Write Pulse Width
tWP
50
40
ns
Address Setup Time
tAS
00
ns
Write Recovery Time
tWR
00
ns
Write to High-Z Output
tWHZ
30
15
ns
Data to Write Time Overlap
tDW
50
40
ns
Data Hold from Write Time
tDH
00
ns
End Write to Low-Z Output
tOW
10
5
ns


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn