Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N04M163WL1A Datasheet(PDF) 2 Page - NanoAmp Solutions, Inc.

Part No. N04M163WL1A
Description  4Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx16 bit
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NANOAMP [NanoAmp Solutions, Inc.]
Homepage  http://www.nanoamp.com
Logo NANOAMP - NanoAmp Solutions, Inc.

N04M163WL1A Datasheet(HTML) 2 Page - NanoAmp Solutions, Inc.

  N04M163WL1A Datasheet HTML 1Page - NanoAmp Solutions, Inc. N04M163WL1A Datasheet HTML 2Page - NanoAmp Solutions, Inc. N04M163WL1A Datasheet HTML 3Page - NanoAmp Solutions, Inc. N04M163WL1A Datasheet HTML 4Page - NanoAmp Solutions, Inc. N04M163WL1A Datasheet HTML 5Page - NanoAmp Solutions, Inc. N04M163WL1A Datasheet HTML 6Page - NanoAmp Solutions, Inc. N04M163WL1A Datasheet HTML 7Page - NanoAmp Solutions, Inc. N04M163WL1A Datasheet HTML 8Page - NanoAmp Solutions, Inc. N04M163WL1A Datasheet HTML 9Page - NanoAmp Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Stock No. 23210-01 11/01/02
2
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N04M163WL1A
Functional Block Diagram
Functional Description
CE1
CE2
WE
OE
I/O0 - I/O7
MODE
POWER
H
X
X
X
High Z
Standby1
1. When the device is in standby mode, control inputs (WE and OE), address inputs and data input/outputs are internally isolated
from any external influence and disabled from exerting any influence externally.
Standby
X
L
X
X
High Z
Standby1
Standby
LHL
X2
2. When WE is invoked, the OE input is internally disabled and has no effect on the circuit.
Data In
Write2
Active
LH
HL
Data Out
Read
Active
L
H
H
H
High Z
Active
Active
Capacitance1
1. These parameters are verified in device characterization and are not 100% tested
Item
Symbol
Test Condition
Min
Max
Unit
Input Capacitance
CIN
VIN = 0V, f = 1 MHz, TA = 25oC
8pF
I/O Capacitance
CI/O
VIN = 0V, f = 1 MHz, TA = 25oC
8pF
Control
Logic
Decode
Logic
Address
Inputs
A0 - A17
WE
OE
Input/
Output
Mux
and
Buffers
I/O0 - I/O7
UB
LB
I/O8 - I/O15
Address
CE1
256K x 16
Memory
Array


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn