Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N02M0818L2A Datasheet(PDF) 4 Page - NanoAmp Solutions, Inc.

Part No. N02M0818L2A
Description  2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NANOAMP [NanoAmp Solutions, Inc.]
Homepage  http://www.nanoamp.com
Logo 

N02M0818L2A Datasheet(HTML) 4 Page - NanoAmp Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
(DOC#14-02-036 Rev C ECN#01-0887)
4
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
NanoAmp Solutions, Inc.
N02M0818L2A
Recommended Timing Limits - Read Cycle (Not all inclusive values tested)
Item
Symbol
1.3 - 2.3 V
1.65 - 2.3 V
Units
Min.
Max.
Min.
Max.
Read Cycle Time
tRC
500
100
ns
Address Access Time
tAA
500
100
ns
Chip Enable to Valid Output
tCO
500
100
ns
Output Enable to Valid Output
tOE
200
50
ns
Chip Enable to Low-Z output
tLZ
100
20
ns
Output Enable to Low-Z Output
tOLZ
50
10
ns
Chip Disable to High-Z Output
tHZ
0150
0
30
ns
Output Disable to High-Z Output
tOHZ
0150
0
30
ns
Output Hold from Address Change
tOH
50
10
ns
Recommended Timing Limits - Write Cycle (Not all inclusive values tested)
Item
Symbol
1.3 - 2.3 V
1.65 - 2.3 V
Units
Min.
Max.
Min.
Max.
Write Cycle Time
tWC
500
85
ns
Chip Enable to End of Write
tCW
400
50
ns
Address Valid to End of Write
tAW
400
50
ns
Address Setup Time
tWP
300
40
ns
Write Pulse Width
tAS
00
ns
Write Recovery Time
tWR
00
ns
Write to High-Z Output
tWHZ
50
15
ns
Data to Write Time Overlap
tDW
300
40
ns
Data Hold from Write Time
tDH
00
ns
End Write to Low-Z Output
tOW
50
10
ns
Output Hold from Address Change
tOH
00
ns


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn