Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FY3863X Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # FY3863X
Description  SUPER BRIGHT LED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FY3863X Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  FY3863X Datasheet HTML 1Page - List of Unclassifed Manufacturers FY3863X Datasheet HTML 2Page - List of Unclassifed Manufacturers FY3863X Datasheet HTML 3Page - List of Unclassifed Manufacturers FY3863X Datasheet HTML 4Page - List of Unclassifed Manufacturers FY3863X Datasheet HTML 5Page - List of Unclassifed Manufacturers FY3863X Datasheet HTML 6Page - List of Unclassifed Manufacturers FY3863X Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
FR 3863X
I SUPER BRIGHT LED
I Forward Voltage vs. Forward Current
I Forward Current vs. Relative Intensity
I Ambient Temperature vs. Relative Intensity
I Pulse Duration vs.Maximum Tolerable Peak Current
I Duty Cycle vs. Maximum Forward Current
I Power Dissipation vs. Ambient Temperature
I Ambient Temperature vs. Maximum Forward Current
I Forward Voltage vs. Ambient Temperature I Spectral Distribution
Forward Voltage VF (V)
Forward Current IF (mA)
Ambient Temperature Ta(˚C)
Pulse Duration
Duty Cycle(%)
Ambient Temperature Ta(˚C)
Ambient Temperature Ta(˚C)
Ambient Temperature Ta(˚C)
Wave Length
λ(nm)
1.0
1.5
2.0
2.5
3.0
1000
100
10
1
0.1
Ta = 25˚C
0
10
20304050
60
3.0
2.5
2.0
1.5
1.0
0.5
0
Ta = 25˚C
-40 -20 0
20 40 60 80 100
10.0
1.0
0.1
IF=20mA
1
1000
500
200
100
50
20
10
5
2
2
5 10 20
50 100200
Ta = 25˚C
-40 -20 0
20 40 60 80 100
140
120
100
80
60
40
20
0
-40 -20 0
20 40 60 80 100
250
200
150
100
50
0
Duty=5%
10%
20%
50%
DC
f
_50Hz
tw
_1ms
-40 -20 0
20 40 60 80 100
2.4
2.2
2.0
1.8
1.6
1.4
0
IF=20mA
IF=10mA
IF=1mA
1.0
0.8
0.6
0.4
0.2
0
540 560 580 600 620 640 660 680
Ta=25˚C
IF=20mA
1
10
2
5
1
10
1
10
2
10
3
10
4
10
5
Ta=25˚C


Similar Part No. - FY3863X

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
FY3863X STANLEY-FY3863X Datasheet
284Kb / 1P
   SINGLE COLOR LED
More results

Similar Description - FY3863X

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
TLH-X1W8-ZIKK TAITRON-TLH-X1W8-ZIKK Datasheet
262Kb / 6P
   Super Bright LED
TLH-Q1W8-ZIKK TAITRON-TLH-Q1W8-ZIKK Datasheet
261Kb / 6P
   Super Bright LED
logo
NTE Electronics
NTE30125 NTE-NTE30125 Datasheet
55Kb / 2P
   Super Bright LED Indicator Super Bright Pink, 3mm
logo
List of Unclassifed Man...
RLS-5W-200-S ETC2-RLS-5W-200-S Datasheet
36Kb / 1P
   SUPER BRIGHT WHITE LED
logo
Roithner LaserTechnik G...
B5-433-B525 ROITHNER-B5-433-B525 Datasheet
158Kb / 3P
   Super bright LED Lamp
B5-230-JD ROITHNER-B5-230-JD Datasheet
109Kb / 3P
   Super bright LED Lamp
logo
Elite Enterprises (H.K....
EL-5R241-B4 ELITE-EL-5R241-B4 Datasheet
225Kb / 1P
   SUPER-BRIGHT TYPE LED
EL-5R641 ELITE-EL-5R641 Datasheet
207Kb / 1P
   SUPER-BRIGHT TYPE LED
logo
Roithner LaserTechnik G...
B3B-443-B505 ROITHNER-B3B-443-B505 Datasheet
125Kb / 3P
   super bright led lamp
B5-43SUN-JD ROITHNER-B5-43SUN-JD Datasheet
195Kb / 3P
   super bright led lamp
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com