Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N02M083WL1A Datasheet(PDF) 3 Page - NanoAmp Solutions, Inc.

Part No. N02M083WL1A
Description  2Mb Ultra-Low Power Asynchronous Medical CMOS SRAM 256Kx8 bit
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NANOAMP [NanoAmp Solutions, Inc.]
Homepage  http://www.nanoamp.com
Logo 

N02M083WL1A Datasheet(HTML) 3 Page - NanoAmp Solutions, Inc.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
The specifications of this device are subject to change without notice. For latest documentation see http://www.nanoamp.com.
Stock No. 23207-01 11/01/02
NanoAmp Solutions, Inc.
N02M083WL1A
Absolute Maximum Ratings1
1. Stresses greater than those listed above may cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the operating section of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Item
Symbol
Rating
Unit
Voltage on any pin relative to VSS
VIN,OUT
–0.3 to VCC+0.3
V
Voltage on VCC Supply Relative to VSS
VCC
–0.3 to 4.5
V
Power Dissipation
PD
500
mW
Storage Temperature
TSTG
–40 to 125
oC
Operating Temperature
TA
-40 to +85
oC
Soldering Temperature and Time
TSOLDER
240oC, 10sec(Lead only)
oC
Operating Characteristics (Over Specified Temperature Range)
Item
Symbol
Test Conditions
Min.
Typ1
1. Typical values are measured at Vcc=Vcc Typ., TA=25°C and not 100% tested.
Max
Unit
Supply Voltage
VCC
2.3
3.6
V
Data Retention Voltage
VDR
Chip Disabled3
1.8
V
Input High Voltage
VIH
VCC-0.6
VCC+0.3
V
Input Low Voltage
VIL
–0.3
0.6
V
Output High Voltage
VOH
IOH = 0.2mA
VCC–0.2
V
Output Low Voltage
VOL
IOL = -0.2mA
0.2
V
Input Leakage Current
ILI
VIN = 0 to VCC
0.5
µA
Output Leakage Current
ILO
OE = VIH or Chip Disabled
0.5
µA
Read/Write Operating Supply Current
@ 1
µs Cycle Time2
2. This parameter is specified with the outputs disabled to avoid external loading effects. The user must add current required to drive
output capacitance expected in the actual system.
ICC1
VCC=3.6 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
1.5
2.0
mA
Read/Write Operating Supply Current
@ 70 ns Cycle Time2
ICC2
VCC=3.6 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
10.0
12.0
mA
Page Mode Operating Supply Current
@ 70 ns Cycle Time2 (Refer to Power
Savings with Page Mode Operation
diagram)
ICC3
VCC=2.3 V, VIN=VIH or VIL
Chip Enabled, IOUT = 0
4.0
mA
Maximum Standby Current3
ISB1
VIN = VCC or 0V
Chip Disabled
tA= 85oC, VCC = 2.3 V
2.0
20.0
µA
Maximum Data Retention Current3
IDR
VCC = 1.8V, VIN = VCC or 0
Chip Disabled, tA= 85oC
10.0
µA


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn