Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OM100L60CMIS Datasheet(PDF) 6 Page - International Rectifier

Part No. OM100L60CMIS
Description  CERMOD-TM HERMETIC HIGH POWER MODULES, THREE PHASE BRIDGE, IGBT?셎
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM100L60CMIS Datasheet(HTML) 6 Page - International Rectifier

Back Button OM100L60CMIS Datasheet HTML 2Page - International Rectifier OM100L60CMIS Datasheet HTML 3Page - International Rectifier OM100L60CMIS Datasheet HTML 4Page - International Rectifier OM100L60CMIS Datasheet HTML 5Page - International Rectifier OM100L60CMIS Datasheet HTML 6Page - International Rectifier OM100L60CMIS Datasheet HTML 7Page - International Rectifier OM100L60CMIS Datasheet HTML 8Page - International Rectifier OM100L60CMIS Datasheet HTML 9Page - International Rectifier OM100L60CMIS Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
OM75L60CMIS
Rev.02
Omnirel LLC
205 Crawford Stree
4/22/99
www.omnirel.com
(978) 534-5776 FAX (978) 537-4246
IGBT
Collector
Current
vs
Collector
Emitte r
Tj=25C
0
10
20
30
40
50
60
70
80
90
100
024
68
1 0
Vce(V)
Ic(A)
9Vge
11Vge
13Vge
15Vge
7Vge
IGBT
Collector
Current
vs
Collector
Emitte r
Tj=+125C
0
10
20
30
40
50
60
70
80
90
02
4
6
8
1 0
Vce(V)
Ic(A)
9Vge
11Vge
13Vge
15Vge
7Vge
Diode
Forward
Current
vs.
Forward
Vo
Vge
=0V
0
10
20
30
40
50
60
70
80
01
23
V f(V)
If(A)
+25C
+125C


Similar Part No. - OM100L60CMIS

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
OM100Q05CB ETC1-OM100Q05CB Datasheet
32Kb / 2P
   100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
OM100Q05DB ETC1-OM100Q05DB Datasheet
32Kb / 2P
   100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
OM100Q05RB ETC1-OM100Q05RB Datasheet
32Kb / 2P
   100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
OM100Q05XX ETC1-OM100Q05XX Datasheet
32Kb / 2P
   100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
OM100Q10CB ETC1-OM100Q10CB Datasheet
32Kb / 2P
   100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
More results

Similar Description - OM100L60CMIS

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
36MT160 IRF-36MT160 Datasheet
75Kb / 6P
   THREE PHASE BRIDGE Power Modules
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
RM10TN-2H MITSUBISHI-RM10TN-2H Datasheet
27Kb / 2P
   Three-Phase Diode Bridge Modules
RM10TN-H MITSUBISHI-RM10TN-H Datasheet
28Kb / 2P
   Three-Phase Diode Bridge Modules
Vishay Siliconix
Vishay Siliconix
VS-40MT160KPBF VISHAY-VS-40MT160KPBF Datasheet
113Kb / 5P
   Three Phase Bridge (Power Modules), 40 A
VS-130MTC VISHAY-VS-130MTC_V01 Datasheet
155Kb / 6P
   Three Phase Bridge, 130 A (Power Modules)
01-Jan-2022
VS-131MTC VISHAY-VS-131MTC Datasheet
185Kb / 6P
   Three Phase Bridge, 130 A (Power Modules)
01-Jan-2022
VS-161MTC VISHAY-VS-161MTC Datasheet
182Kb / 6P
   Three Phase Bridge, 160 A (Power Modules)
01-Jan-2022
VS-300MTC VISHAY-VS-300MTC_V01 Datasheet
153Kb / 6P
   Three Phase Bridge, 300 A (Power Modules)
01-Jan-2022
VS-301MTC VISHAY-VS-301MTC Datasheet
184Kb / 6P
   Three Phase Bridge, 300 A (Power Modules)
01-Jan-2022
VS-160MTC VISHAY-VS-160MTC_V01 Datasheet
153Kb / 6P
   Three Phase Bridge, 160 A (Power Modules)
01-Jan-2022
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz