Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OM100L60CMIS Datasheet(PDF) 5 Page - International Rectifier

Part No. OM100L60CMIS
Description  CERMOD-TM HERMETIC HIGH POWER MODULES, THREE PHASE BRIDGE, IGBT’S
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM100L60CMIS Datasheet(HTML) 5 Page - International Rectifier

  OM100L60CMIS Datasheet HTML 1Page - International Rectifier OM100L60CMIS Datasheet HTML 2Page - International Rectifier OM100L60CMIS Datasheet HTML 3Page - International Rectifier OM100L60CMIS Datasheet HTML 4Page - International Rectifier OM100L60CMIS Datasheet HTML 5Page - International Rectifier OM100L60CMIS Datasheet HTML 6Page - International Rectifier OM100L60CMIS Datasheet HTML 7Page - International Rectifier OM100L60CMIS Datasheet HTML 8Page - International Rectifier OM100L60CMIS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
OM75L60CMIS
Rev.02
Omnirel LLC
205 Crawford Street,
4/22/99
www.omnirel.com
(978) 534-5776 FAX (978) 537-4246
ELECTRICAL CHARACTERISTICS (Tc= 25
°°C unless otherwise specified)
Characteristic
Symbol
Min.
Typ.
Max
Unit
OFF CHARACTERISTICS
Collector Emitter Breakdown Voltage, V
CE
=0V
VCES
600
V
Zero Gate Voltage Collector Current, V
GE
=0, V
CE
=600V
ICES
25
µA
Gate Emitter Leakage Current, V
GE
=+/-15V, V
CE
=0V
IGES
2
µA
ON CHARACTERISTICS
Gate Threshold Voltage, V
CE
=VGE, IC =6mA
VGE(TH)
4.5
5.8
6.5
V
Collector Emitter Saturation Voltage, V
GE
=15V, IC=75A
VCE(SAT)
2.5
2.9
V
DYNAMIC CHARACTERISTICS
Fwd. Transconductance
V CE =5V, I
C
=75A
gfs
36
S
Input Capacitance
VGE =0
C IES
3.7
nF
Output Capacitance
VCE =25V
C OES
1.1
nF
Rev. Transfer Capacitance
f=1.0MHz
C RES
1.9
nF
SWITCHING INDUCTIVE LOAD CHARACTERISTICS
Turn-On Delay Time
t(on)
60
nS
Rise Time
VCC = 300V, I
C
=75A
tr
65
nS
Turn-on Losses
VGE =+15/-10V, R
G
=10
Eon
mJ
Turn-off Delay Time
L=100
µH,Tj=125
°C
td(off)
90
nS
Fall Time
tf
80
nS
Turn-off Losses
Eoff
mJ
DIODE CHARACTERISTICS
Maximum Forward Voltage
IF=75A, Tj=25
°C
VF
1.4
2.0
V
Tj=125
°C
VR =300V, Tj=25
°C
Qrr
4
µC
Reverse Recovery
IF=75A, Tj=125
°C
6.5
Characteristics
dI/dt=-1200A/
µS Tj=25
°C
Irr
40
A
Tj=125
°C
Tj=25
°C
trr
85
nS
Tj=125
°C
THERMAL
AND MECHANICAL CHARACTERISTICS
Thermal Resistance, Junction to Case (Per IGBT)R thJC
0.45
°C/W
Thermal Resistance, Junction to Case (Per Diode)
R thJC
0.8
°C/W
Maximum Junction Temperature
TjMAX
150
°C
Isolation Voltage
Vis
RMS
-V
Screw Torque
Mounting
-
15
20
in-
lb
Module Weight
-
250
Grams


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
36MT160 THREE PHASE BRIDGE Power Modules 1  2  3  4  5  More International Rectifier
26MB140 SINGLE PHASE BRIDGE Power Modules 1  2  3  4  5  More International Rectifier
MSK3001 THREE PHASE BRIDGE MOSFET POWER MODULE 1  2  3  4  5  M.S. Kennedy Corporation
GWM160-0055P3 Three phase full bridge with Trench MOSFETs in DCB isolated high current package 1  2  3  IXYS Corporation
MSK3015 THREE PHASE BRIDGE MOSFET POWER MODULE 1  2  3  4  5  M.S. Kennedy Corporation
GBPC2502A SINGLE PHASE BRIDGE Power Modules 1  2  3  4  5  More International Rectifier
GWM220-004P3 Three phase full bridge with Trench MOSFETs in DCB isolated high current package 1  2  IXYS Corporation
MSK3018 THREE PHASE BRIDGE MOSFET POWER MODULE 1  2  3  4  5  M.S. Kennedy Corporation
MSK3017 THREE PHASE BRIDGE MOSFET POWER MODULE 1  2  3  4  5  M.S. Kennedy Corporation
MSK3003 THREE PHASE BRIDGE MOSFET POWER MODULE 1  2  3  4  5  M.S. Kennedy Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn