Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OM100L60CMIS Datasheet(PDF) 3 Page - International Rectifier

Part No. OM100L60CMIS
Description  CERMOD-TM HERMETIC HIGH POWER MODULES, THREE PHASE BRIDGE, IGBT?셎
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM100L60CMIS Datasheet(HTML) 3 Page - International Rectifier

  OM100L60CMIS Datasheet HTML 1Page - International Rectifier OM100L60CMIS Datasheet HTML 2Page - International Rectifier OM100L60CMIS Datasheet HTML 3Page - International Rectifier OM100L60CMIS Datasheet HTML 4Page - International Rectifier OM100L60CMIS Datasheet HTML 5Page - International Rectifier OM100L60CMIS Datasheet HTML 6Page - International Rectifier OM100L60CMIS Datasheet HTML 7Page - International Rectifier OM100L60CMIS Datasheet HTML 8Page - International Rectifier OM100L60CMIS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
OM100L60CMIS
Rev.05
Omnirel LLC
205 Crawford Street, Leominster, MA 01453 U
4/15/
99
www.omnirel.com
(978) 534-5776 FAX (978) 537-4246
IGBT Collector Current vs Collector Emitte r
Tj=25C
0
20
40
60
80
100
120
0
1
2
345
6
Vce(V)
Ic(A)
9Vge
11Vge
13Vge
15Vge
IGBT Collector Current vs Collector Emitter
Tj=+125C
0
20
40
60
80
100
120
01
23
45
6
Vce(V)
Ic(A)
9Vge
11Vge
13Vge
15Vge
Switching Energy vs Collector Curre n
Vce=100V,Tj=25C
0
1
2
3
4
5
6
0
5 0
100
150
Ic(A)
Eon
Eof
Switcing Energy vs Temperature Vce=300V,Ic =
0
1
2
3
4
5
6
7
0
25
50
75
100
125
150
T(C)
Eon
Eof
Switching Energy vs Gate Resiste r
Vce=300V,Ic=100,Tj=25C
0
1
2
3
4
5
6
7
8
5
1015
2025
3035
Rg(ohms)
Eon
Eof
IGBT Collector Current vs Collector Emitte r
Tj=-55C
0
20
40
60
80
100
120
0123
456
Vce(V)
Ic(A)
9Vge
11Vge
13Vge
15Vge
Diode Forward Current vs. Forward Vo
Vge
=0V
0
20
40
60
80
100
120
0
0.25
0.5
0.75
1
1.25
1.5
1.75
2
Vf(V)
If(A)
+25C
+125C
-55C


Similar Part No. - OM100L60CMIS

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
OM100Q05CB ETC1-OM100Q05CB Datasheet
32Kb / 2P
   100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
OM100Q05DB ETC1-OM100Q05DB Datasheet
32Kb / 2P
   100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
OM100Q05RB ETC1-OM100Q05RB Datasheet
32Kb / 2P
   100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
OM100Q05XX ETC1-OM100Q05XX Datasheet
32Kb / 2P
   100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
OM100Q10CB ETC1-OM100Q10CB Datasheet
32Kb / 2P
   100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
More results

Similar Description - OM100L60CMIS

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
36MT160 IRF-36MT160 Datasheet
75Kb / 6P
   THREE PHASE BRIDGE Power Modules
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
RM10TN-2H MITSUBISHI-RM10TN-2H Datasheet
27Kb / 2P
   Three-Phase Diode Bridge Modules
RM10TN-H MITSUBISHI-RM10TN-H Datasheet
28Kb / 2P
   Three-Phase Diode Bridge Modules
Vishay Siliconix
Vishay Siliconix
VS-40MT160KPBF VISHAY-VS-40MT160KPBF Datasheet
113Kb / 5P
   Three Phase Bridge (Power Modules), 40 A
VS-130MTC VISHAY-VS-130MTC_V01 Datasheet
155Kb / 6P
   Three Phase Bridge, 130 A (Power Modules)
01-Jan-2022
VS-131MTC VISHAY-VS-131MTC Datasheet
185Kb / 6P
   Three Phase Bridge, 130 A (Power Modules)
01-Jan-2022
VS-161MTC VISHAY-VS-161MTC Datasheet
182Kb / 6P
   Three Phase Bridge, 160 A (Power Modules)
01-Jan-2022
VS-300MTC VISHAY-VS-300MTC_V01 Datasheet
153Kb / 6P
   Three Phase Bridge, 300 A (Power Modules)
01-Jan-2022
VS-301MTC VISHAY-VS-301MTC Datasheet
184Kb / 6P
   Three Phase Bridge, 300 A (Power Modules)
01-Jan-2022
VS-160MTC VISHAY-VS-160MTC_V01 Datasheet
153Kb / 6P
   Three Phase Bridge, 160 A (Power Modules)
01-Jan-2022
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz