Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OM100L60CMIS Datasheet(PDF) 2 Page - International Rectifier

Part No. OM100L60CMIS
Description  CERMOD-TM HERMETIC HIGH POWER MODULES, THREE PHASE BRIDGE, IGBT?셎
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

OM100L60CMIS Datasheet(HTML) 2 Page - International Rectifier

  OM100L60CMIS Datasheet HTML 1Page - International Rectifier OM100L60CMIS Datasheet HTML 2Page - International Rectifier OM100L60CMIS Datasheet HTML 3Page - International Rectifier OM100L60CMIS Datasheet HTML 4Page - International Rectifier OM100L60CMIS Datasheet HTML 5Page - International Rectifier OM100L60CMIS Datasheet HTML 6Page - International Rectifier OM100L60CMIS Datasheet HTML 7Page - International Rectifier OM100L60CMIS Datasheet HTML 8Page - International Rectifier OM100L60CMIS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Rev.05
Omnirel LLC
205 Crawford Street, Leominster, MA 01453
4/15/
99
www.omnirel.com
(978) 534-5776 FAX (978) 537-4246
ELECTRICAL CHARACTERISTICS: (Tc= 25
°°C unless otherwise specified)
Characteristic
Symbol
Min.
Typ.
Max
Unit
OFF CHARACTERISTICS
Collector Emitter Breakdown Voltage, V
GE
=0V
VCES
600
V
Zero Gate Voltage Collector Current, V
GE
=0, V
CE
=600V
ICES
25
µA
Gate Emitter Leakage Current, V
GE
=+/-15V, V
CE
=0V
IGES
2
µA
ON CHARACTERISTICS
Gate Threshold Voltage, V
CE
=VGE, IC =6mA
VGE(TH)
4.5
6.0
6.5
V
Collector Emitter Saturation Voltage, V
GE
=15V, IC=100A
VCE(SAT)
2.0
2.5
V
DYNAMIC CHARACTERISTICS
Fwd.Transconductance
V CE =5V, I
C
=100A
gfs
55
S
Input Capacitance
VGE =0
Cies
4.5
nF
Output Capacitance
VCE =25V
Coes
0.7
nF
Rev. Transfer Capacitance
f=1.0MHz
Cres
1.7
nF
SWITCHING INDUCTIVE LOAD CHARACTERISTICS
Turn-On Delay Time
t(on)
192
nS
Rise Time
VCC = 300V, I
C
=100A
tr
81
nS
Turn-on Losses
VGE =+15/-10V, R
G
=10
Eon
5.4
mJ
Turn-off Delay Time
L=100
µH,Tj=125
°C
td(off)
285
nS
Fall Time
tf
44
nS
Turn-off Losses
Eoff
1.4
mJ
DIODE CHARACTERISTICS
Maximum Forward Voltage
IF=100A, Tj=25
°C
VF
1.4
1.8
V
Tj=125
°C
1.5
1.9
VR =300V, Tj=25
°C
Qrr
2
µC
Reverse Recovery
IF=100A, Tj=125
°C
3.7
Characteristics
dI/dt=-1080A/
µS Tj=25
°C
Irr
51
A
Tj=125
°C
68
Tj=25
°C
trr
124
nS
Tj=125
°C
215
THERMAL
AND MECHANICAL CHARACTERISTICS
Thermal Resistance, Junction to Case (Per IGBT)R thJC
0.35
°C/W
Thermal Resistance, Junction to Case (Per Diode)
R thJC
0.6
°C/W
Maximum Junction Temperature
TjMAX
150
°C
Isolation Voltage
Vis
RMS
-V
Screw Torque
Mounting
-
15
20
in-
lb
Module Weight
-
250
Grams
OM100L60CMIS


Similar Part No. - OM100L60CMIS

ManufacturerPart No.DatasheetDescription
List of Unclassifed Manufacturers
List of Unclassifed Man...
OM100Q05CB ETC1-OM100Q05CB Datasheet
32Kb / 2P
   100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
OM100Q05DB ETC1-OM100Q05DB Datasheet
32Kb / 2P
   100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
OM100Q05RB ETC1-OM100Q05RB Datasheet
32Kb / 2P
   100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
OM100Q05XX ETC1-OM100Q05XX Datasheet
32Kb / 2P
   100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
OM100Q10CB ETC1-OM100Q10CB Datasheet
32Kb / 2P
   100 AMP ULTRA FAST CENTER-TAP IN HERMETIC ISOLATED POWER BLOCK PACKAGE
More results

Similar Description - OM100L60CMIS

ManufacturerPart No.DatasheetDescription
International Rectifier
International Rectifier
36MT160 IRF-36MT160 Datasheet
75Kb / 6P
   THREE PHASE BRIDGE Power Modules
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
RM10TN-2H MITSUBISHI-RM10TN-2H Datasheet
27Kb / 2P
   Three-Phase Diode Bridge Modules
RM10TN-H MITSUBISHI-RM10TN-H Datasheet
28Kb / 2P
   Three-Phase Diode Bridge Modules
Vishay Siliconix
Vishay Siliconix
VS-40MT160KPBF VISHAY-VS-40MT160KPBF Datasheet
113Kb / 5P
   Three Phase Bridge (Power Modules), 40 A
VS-130MTC VISHAY-VS-130MTC_V01 Datasheet
155Kb / 6P
   Three Phase Bridge, 130 A (Power Modules)
01-Jan-2022
VS-131MTC VISHAY-VS-131MTC Datasheet
185Kb / 6P
   Three Phase Bridge, 130 A (Power Modules)
01-Jan-2022
VS-161MTC VISHAY-VS-161MTC Datasheet
182Kb / 6P
   Three Phase Bridge, 160 A (Power Modules)
01-Jan-2022
VS-300MTC VISHAY-VS-300MTC_V01 Datasheet
153Kb / 6P
   Three Phase Bridge, 300 A (Power Modules)
01-Jan-2022
VS-301MTC VISHAY-VS-301MTC Datasheet
184Kb / 6P
   Three Phase Bridge, 300 A (Power Modules)
01-Jan-2022
VS-160MTC VISHAY-VS-160MTC_V01 Datasheet
153Kb / 6P
   Three Phase Bridge, 160 A (Power Modules)
01-Jan-2022
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz