Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MRF9060MR1 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MRF9060MR1
Description  The RF Sub-micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-channel Enhancement-mode Lateral MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF9060MR1 Datasheet(HTML) 4 Page - Motorola, Inc

  MRF9060MR1 Datasheet HTML 1Page - Motorola, Inc MRF9060MR1 Datasheet HTML 2Page - Motorola, Inc MRF9060MR1 Datasheet HTML 3Page - Motorola, Inc MRF9060MR1 Datasheet HTML 4Page - Motorola, Inc MRF9060MR1 Datasheet HTML 5Page - Motorola, Inc MRF9060MR1 Datasheet HTML 6Page - Motorola, Inc MRF9060MR1 Datasheet HTML 7Page - Motorola, Inc MRF9060MR1 Datasheet HTML 8Page - Motorola, Inc MRF9060MR1 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MRF9060MR1 MRF9060MBR1
4
MOTOROLA RF DEVICE DATA
Figure 1. 930–960 MHz Broadband Test Circuit Schematic
Z10
0.060
″ x 0.520″ Microstrip
Z11
0.360
″ x 0.270″ Microstrip
Z12
0.060
″ x 0.270″ Microstrip
Z13
0.130
″ x 0.060″ Microstrip
Z14
0.300
″ x 0.060″ Microstrip
Z15
0.210
″ x 0.060″ Microstrip
Z16
0.600
″ x 0.060″ Microstrip
Z17
0.290
″ x 0.060″ Microstrip
Z18
0.340
″ x 0.060″ Microstrip
Z1
0.240
″ x 0.060″ Microstrip
Z2
0.240
″ x 0.060″ Microstrip
Z3
0.500
″ x 0.100″ Microstrip
Z4
0.100
″ x 0.270″ x 0.080″, Taper
Z5
0.330
″ x 0.270″ Microstrip
Z6
0.120
″ x 0.270″ Microstrip
Z7
0.270
″ x 0.520″ x 0.140″, Taper
Z8
0.240
″ x 0.520″ Microstrip
Z9
0.340
″ x 0.520″ Microstrip
RF
INPUT
RF
OUTPUT
C6
C1
Z16
VDD
Z18
+
VGG
Z1
Z3
Z7
Z15
Z17
C13
B2
B1
C17
+
Z4
Z2
C7
C2
L1
C14
C16
+
C15
+
Z14
Z13
Z12
C10
C11
C12
L2
C3
C9
C4
C5
C8
Z8
Z9
DUT
Z10
Z5
Z6
Z11
Table 1. 930–960 MHz Broadband Test Circuit Component Designations and Values
Part
Description
Value, P/N or DWG
Manufacturer
B1
Short Ferrite Bead
95F786
Newark
B2
Long Ferrite Bead
95F787
Newark
C1, C7, C13, C14
47 pF Chip Capacitors, B Case
100B470JP 500X
ATC
C2, C3, C11
0.8–8.0 Gigatrim Variable Capacitors
44F3360
Newark
C4, C5
11 pF Chip Capacitors, B Case (MRF9060MR1)
10 pF Chip Capacitors, B Case (MRF9060MBR1)
100B110JP 500X
100B100JP 500X
ATC
C6, C15, C16
10
mF, 35 V Tantalum Chip Capacitors
93F2975
Newark
C8, C9
10 pF Chip Capacitors, B Case
100B100JP 500X
Newark
C10
3.9 pF Chip Capacitor, B Case
100B3R9CP 500X
ATC
C12
1.7 pF Chip Capacitor, B Case
100B1R7BP 500X
ATC
C17
220
mF Electrolytic Chip Capacitor
14F185
Newark
L1, L2
12.5 nH Inductors
A04T–5
Coilcraft
N1, N2
N–Type Panel Mount, Stripline
3052–1648–10
Avnet
WB1, WB2
15 mil Brass Wear Blocks
Board Material
30 mil Glass Teflon,
εr = 2.55 Copper Clad, 2 oz Cu
RF–35–0300
Taconic
PCB
Etched Circuit Board
TO–270/TO–272 Surface/Bolt
DSelectronics


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MRF9030MR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF9030MR1 The RF Sub-Micron MOSFET Line RF POWER FIELD EFFECT TRANSISTORS N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Freescale Semiconductor, Inc
MRF9030LR1 The RF Sub-Micron MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF19030LR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S19100HR3 The RF MOSFET Line RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF18085A The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF1517T1 The RF MOSFET Line RF POWER FIELD EFFECT TRANSISTOR N-CHANNEL ENHANCEMENT-MODE LATERAL MOSFETS 1  2  3  4  5  More Motorola, Inc
MRF21120 The RF Sub-Micron MOSFET Line RF Power Field Effect Trasistor N-Channel Enhancement-Mode Lateral MOSFET 1  2  3  4  5  More Motorola, Inc
MRF5S21130 The RF MOSFET Line RF Power Field Effect Transistor N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc
MRF5S21100LR3 The RF MOSFET Line RF Power Field Effect N-Channel Enhancement-Mode Lateral MOSFETs 1  2  3  4  5  More Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn