Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX1507ETA Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX1507ETA
Description  Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1507ETA Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX1507ETA Datasheet HTML 1Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 2Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 3Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 4Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 5Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 6Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 7Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 8Page - Maxim Integrated Products MAX1507ETA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
General Description
The MAX1507 is an intelligent, stand-alone constant-cur-
rent, constant-voltage (CCCV), thermally regulated linear
charger for a single-cell lithium-ion (Li+) battery. The
MAX1507 integrates the current-sense circuit, MOS pass
element, and thermal-regulation circuitry, and also elimi-
nates the reverse-blocking Schottky diode to create the
simplest and smallest charging solution for hand-held
equipment.
The MAX1507 functions as a stand-alone charger to
control the charging sequence from the prequalification
state through fast-charge, top-off charge, and full-
charge indication.
Proprietary thermal-regulation circuitry limits the die
temperature when fast charging or while exposed to
high ambient temperatures, allowing maximum charg-
ing current without damaging the IC.
The MAX1507 achieves high flexibility by providing an
adjustable fast-charge current and thermal regulation
setpoints. Other features include the charging status
(CHG) of the battery and an active-low control input (EN).
The MAX1507 accepts a +4.25V to +13V supply, but dis-
ables charging when the input voltage exceeds +7V to
protect against unqualified or faulty AC adapters. The
MAX1507 operates over the extended temperature
range (-40°C to +85°C) and is available in a compact
8-pin thermally enhanced 3mm x 3mm Thin DFN pack-
age with 0.8mm height.
Applications
Cellular and Cordless Phones
PDAs
Digital Cameras and MP3 Players
USB Appliances
Charging Cradles and Docks
Bluetooth™ Equipment
Features
♦ Stand-Alone Linear 1-Cell Li+ Battery Charger
♦ No External FET, Reverse-Blocking Diode, or
Current-Sense Resistor Required
♦ Programmable Fast-Charge Current (0.8A max)
♦ Proprietary Programmable Die-Temperature
Regulation Control (+90°C, +100°C, and +130°C)
♦ +4.25V to +13V Input Voltage Range with Input
Overvoltage Protection (OVP) Above +7V
♦ Charge-Current Monitor for Fuel Gauging
♦ Low Dropout Voltage—130mV at 0.425A
♦ Input Power-Source Detection Output (VL) and
Charge-Enable Input (EN)
♦ Soft-Start Limits Inrush Current
♦ Charge Status Output (CHG) for LED or
Microprocessor Interface
♦ Small 3mm x 3mm 8-Pin Thin DFN Package,
0.8mm High
Linear Li+ Battery Charger with Integrated Pass FET
and Thermal Regulation in 3mm x 3mm Thin DFN
________________________________________________________________ Maxim Integrated Products
1
1
2
3mm x 3mm THIN DFN
TOP VIEW
3
4
MAX1507
8
76
5
Pin Configuration
Ordering Information
MAX1507
1µF
INPUT
4.25V TO 13V
2.80kΩ
IN
EN
VL
CHG
1µF
Li+
4.2V
BATT
ISET
TEMP
GND
0.47µF
OFF
ON
PART
TEMP RANGE
PIN-PACKAGE
TOP
MARK
MAX1507ETA
-40
°C to +85°C8 Thin DFN-EP*
AGW
Typical Operating Circuit
19-2899; Rev 1; 11/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
Bluetooth is a trademark of Ericsson.
*EP = Exposed paddle.


Similar Part No. - MAX1507ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1507ETA+T MAXIM-MAX1507ETA+T Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Rev 2; 8/05
MAX1507ETA+T MAXIM-MAX1507ETA+T Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
2005
MAX1507ETA-T MAXIM-MAX1507ETA-T Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Rev 2; 8/05
MAX1507ETA-T MAXIM-MAX1507ETA-T Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
2005
More results

Similar Description - MAX1507ETA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1507ETA-T MAXIM-MAX1507ETA-T Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Rev 2; 8/05
MAX1507 MAXIM-MAX1507_V01 Datasheet
173Kb / 12P
   Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
2005
MAX1508 MAXIM-MAX1508_V01 Datasheet
259Kb / 11P
   Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOK in 3mm x 3mm TDFN
20005
MAX1508 MAXIM-MAX1508 Datasheet
198Kb / 11P
   Linear Li Battery Charger with Integrated Pass FET, Thermal Regulation, and ACOKin 3mm x 3mm TDFN
19-2890; Rev 1; 10/03
logo
Linear Technology
LTC4058-4.2 LINER-LTC4058-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058 LINER-LTC4058 Datasheet
180Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
LTC4058X-4.2 LINER-LTC4058X-4.2_15 Datasheet
192Kb / 12P
   Standalone Linear Li-Ion Battery Charger with Thermal Regulation in DFN
logo
Maxim Integrated Produc...
MAX8808X MAXIM-MAX8808X Datasheet
236Kb / 13P
   1A Linear Li Battery Chargers with Integrated Pass FET and Thermal Regulation in 2mm x 2mm TDFN
2005
MAX8808 MAXIM-MAX8808 Datasheet
236Kb / 13P
   1A Linear Li Battery Chargers with Integrated Pass FET and Thermal Regulation in 2mm x 2mm TDFN
Rev 0; 4/05
logo
Linear Technology
LTC4057 LINER-LTC4057 Datasheet
149Kb / 12P
   Linear Li-Ion Battery Charger with Thermal Regulation in ThinSOT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com