Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1507 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part No. MAX1507
Description  Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1507 Datasheet(HTML) 2 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Linear Li+ Battery Charger with Integrated Pass FET
and Thermal Regulation in 3mm x 3mm Thin DFN
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VIN = 5V, VBATT = 4.0V, TEMP = EN = CHG = unconnected, RISET = 2.8kΩ to GND, CVL = 0.47µF, BATT bypassed to GND with 1µF,
TA = -40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN, CHG to GND .....................................................-0.3V to +14V
VL, BATT, ISET, EN, TEMP to GND ..........................-0.3V to +6V
VL to IN...................................................................-14V to +0.3V
IN to BATT Continuous Current.............................................0.9A
Continuous Power Dissipation (TA = +70°C)
8-Pin TDFN (derate 24.4mW/°C above+70°C) ..........1951mW
Short-Circuit Duration.................................................Continuous
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage Range
013
V
Input Operating Range
4.25
6.50
V
VIN - VBATT, VIN rising
20
40
60
ACOK Trip Point, IN
VIN - VBATT, VIN falling
15
30
45
mV
VIN rising
6.5
7
7.5
Overvoltage Lockout Trip Point
VIN hysteresis
0.11
V
Charging (IIN - IBATT)1
2
Disabled, EN = VL
0.8
1.5
IN Input Current
OFF state (VIN = VBATT = 4.0V)
0.065
mA
VL Output Voltage
IVL = 100µA
3.3
V
VL Load Regulation
IVL = 100µA to 2mA
-71
-200
mV
VL Temperature Coefficient
IVL = 100µA
-2
mV/°C
VIN rising
2.95
VL Undervoltage Lockout Trip Point
Hysteresis
0.17
V
VIN = 0 to 4V
3
10
BATT Input Current
EN = VL
4
10
µA
Maximum RMS Charge Current
0.8
A
TA = 0°C to +85°C
4.162
4.2
4.238
Battery Regulation Voltage
IBATT = 0
TA = -40°C to +85°C
4.150
4.2
4.250
V
BATT Removal Detection Threshold
VBATT rising
4.4
4.67
4.9
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn