Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1507 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part No. MAX1507
Description  Linear Li Battery Charger with Integrated Pass FET and Thermal Regulation in 3mm x 3mm Thin DFN
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

MAX1507 Datasheet(HTML) 11 Page - Maxim Integrated Products

 
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Linear Li+Battery Charger with Integrated Pass FET
and Thermal Regulation in 3mm x 3mm Thin DFN
______________________________________________________________________________________
11
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information
go to www.maxim-ic.com/packages.)
L
C
L
C
PIN 1
INDEX
AREA
D
E
L
e
L
A
e
NUMBER OF LEADS SHOWN ARE FOR REFERENCE ONLY
E2
DETAIL A
N
F
1
2
21-0137
PACKAGE OUTLINE, 6, 8, 10 & 14L,
TDFN, EXPOSED PAD, 3x3x0.80 mm


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn