Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC10F206T Datasheet(PDF) 11 Page - Microchip Technology

Part # PIC10F206T
Description  6-Pin, 8-Bit Flash Microcontrollers
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC10F206T Datasheet(HTML) 11 Page - Microchip Technology

Back Button PIC10F206T Datasheet HTML 7Page - Microchip Technology PIC10F206T Datasheet HTML 8Page - Microchip Technology PIC10F206T Datasheet HTML 9Page - Microchip Technology PIC10F206T Datasheet HTML 10Page - Microchip Technology PIC10F206T Datasheet HTML 11Page - Microchip Technology PIC10F206T Datasheet HTML 12Page - Microchip Technology PIC10F206T Datasheet HTML 13Page - Microchip Technology PIC10F206T Datasheet HTML 14Page - Microchip Technology PIC10F206T Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 86 page
background image
© 2005 Microchip Technology Inc.
Preliminary
DS41239B-page 9
PIC10F200/202/204/206
3.0
ARCHITECTURAL OVERVIEW
The high performance of the PIC10F200/202/204/206
devices can be attributed to a number of architectural
features commonly found in RISC microprocessors. To
begin with, the PIC10F200/202/204/206 devices use a
Harvard architecture in which program and data are
accessed on separate buses. This improves band-
width over traditional von Neumann architectures
where program and data are fetched on the same bus.
Separating program and data memory further allows
instructions to be sized differently than the 8-bit wide
data word. Instruction opcodes are 12 bits wide,
making it possible to have all single-word instructions.
A 12-bit wide program memory access bus fetches a
12-bit instruction in a single cycle. A two-stage pipeline
overlaps
fetch
and
execution
of
instructions.
Consequently, all instructions (33) execute in a single
cycle (1
μs @ 4 MHz) except for program branches.
The table below lists program memory (Flash) and data
memory
(RAM)
for
the
PIC10F200/202/204/206
devices.
TABLE 3-1:
PIC10F2XX MEMORY
The PIC10F200/202/204/206 devices can directly or
indirectly address its register files and data memory. All
Special Function Registers (SFR), including the PC,
are mapped in the data memory. The PIC10F200/202/
204/206
devices
have
a
highly
orthogonal
(symmetrical) instruction set that makes it possible to
carry out any operation, on any register, using any
addressing mode. This symmetrical nature and lack of
“special optimal situations” make programming with the
PIC10F200/202/204/206 devices simple, yet efficient.
In addition, the learning curve is reduced significantly.
The PIC10F200/202/204/206 devices contain an 8-bit
ALU and working register. The ALU is a general
purpose arithmetic unit. It performs arithmetic and
Boolean functions between data in the working register
and any register file.
The ALU is 8 bits wide and capable of addition, subtrac-
tion, shift and logical operations. Unless otherwise
mentioned, arithmetic operations are two’s comple-
ment in nature. In two-operand instructions, one oper-
and is typically the W (working) register. The other
operand is either a file register or an immediate
constant. In single operand instructions, the operand is
either the W register or a file register.
The W register is an 8-bit working register used for ALU
operations. It is not an addressable register.
Depending on the instruction executed, the ALU may
affect the values of the Carry (C), Digit Carry (DC) and
Zero (Z) bits in the Status register. The C and DC bits
operate as a borrow and digit borrow out bit, respec-
tively, in subtraction. See the SUBWF and ADDWF
instructions for examples.
A simplified block diagram is shown in Figure 3-1 and
Figure 3-2,
with
the
corresponding
device
pins
described in Table 3-2.
Device
Memory
Program
Data
PIC10F200
256 x 12
16 x 8
PIC10F202
512 x 12
24 x 8
PIC10F204
256 x 12
16 x 8
PIC10F206
512 x 12
24 x 8


Similar Part No. - PIC10F206T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC10F206T-E/MC MICROCHIP-PIC10F206T-E/MC Datasheet
1Mb / 96P
   6-Pin, 8-Bit Flash Microcontrollers
2007
PIC10F206T-E/OT MICROCHIP-PIC10F206T-E/OT Datasheet
1Mb / 96P
   6-Pin, 8-Bit Flash Microcontrollers
2007
PIC10F206T-E/P MICROCHIP-PIC10F206T-E/P Datasheet
1Mb / 96P
   6-Pin, 8-Bit Flash Microcontrollers
2007
PIC10F206T-I/MC MICROCHIP-PIC10F206T-I/MC Datasheet
1Mb / 96P
   6-Pin, 8-Bit Flash Microcontrollers
2007
PIC10F206T-I/OT MICROCHIP-PIC10F206T-I/OT Datasheet
1Mb / 96P
   6-Pin, 8-Bit Flash Microcontrollers
2007
More results

Similar Description - PIC10F206T

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC10F200 MICROCHIP-PIC10F200_14 Datasheet
998Kb / 88P
   6-Pin, 8-Bit Flash Microcontrollers
03/25/14
PIC10F220 MICROCHIP-PIC10F220 Datasheet
1Mb / 78P
   6-Pin, 8-Bit Flash Microcontrollers
2006
PIC10F200 MICROCHIP-PIC10F200_07 Datasheet
1Mb / 96P
   6-Pin, 8-Bit Flash Microcontrollers
2007
PIC10LF320 MICROCHIP-PIC10LF320 Datasheet
1Mb / 193P
   6/8-Pin Flash-Based, 8-Bit Microcontrollers
07/14/15
PIC12F1501-I MICROCHIP-PIC12F1501-I Datasheet
3Mb / 278P
   8-Pin Flash, 8-Bit Microcontrollers
08/02/11
PIC12LF1552 MICROCHIP-PIC12LF1552 Datasheet
4Mb / 260P
   8-Pin Flash, 8-Bit Microcontrollers
2013
PIC12F519 MICROCHIP-PIC12F519_08 Datasheet
1Mb / 96P
   8-Pin, 8-Bit Flash Microcontrollers
2008
PIC12F1501 MICROCHIP-PIC12F1501 Datasheet
2Mb / 279P
   8-Pin Flash, 8-Bit Microcontrollers
2011
PIC12F508 MICROCHIP-PIC12F508 Datasheet
1Mb / 98P
   8/14-Pin, 8-Bit Flash Microcontrollers
2004
PIC12F508 MICROCHIP-PIC12F508_07 Datasheet
1Mb / 100P
   8/14-Pin, 8-Bit Flash Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com