Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA26V05 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. MA26V05
Description  Silicon epitaxial planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA26V05 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA26V05 Datasheet HTML 1Page - Panasonic Semiconductor MA26V05 Datasheet HTML 2Page - Panasonic Semiconductor MA26V05 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MA26V05
2
SKD00076CED
IR  Ta
IF  VF
CD  VR
CD  Ta
0
100
80
20
60
40
0.980
1.036
1.028
1.020
1.012
1.004
0.996
0.988
VR
= 1 V
4 V
f
= 1 MHz
Ambient temperature
T
a (°C)
10−2
10
1
10−1
0
80
120
40
VR
= 5 V
Ambient temperature
T
a (°C)
0
0.2
0.6
0.8
1.0
1.2
0.4
1.4
0
40
80
120
160
Ta
= 60°C
−40°C
25
°C
Forward voltage V
F (V)
012
10
8
26
4
1
102
10
f
= 1 MHz
Ta = 25
°C
Reverse voltage V
R (V)


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MA2YD26 Silicon epitaxial planar type 1  2  3  Panasonic Semiconductor
XP03316 Silicon NPN epitaxial planar type 1  2  3  4  5  Panasonic Semiconductor
MA22D23 Silicon epitaxial planar type For high frequency rectification 1  2  3  Panasonic Semiconductor
XN06435 Silicon PNP epitaxial planar type 1  2  3  Panasonic Semiconductor
2SB1253 Silicon PNP epitaxial planar type Darlington For power amplification 1  2  3  Panasonic Semiconductor
2SD1752 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
MA2C196 Silicon epitaxial planar type 1  2  Panasonic Semiconductor
MA2YD21 Silicon epitaxial planar type 1  2  3  Panasonic Semiconductor
MA2S376 Silicon epitaxial planar type 1  2  Panasonic Semiconductor
MA2X338 Silicon epitaxial planar type 1  2  Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn