Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA26V05 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. MA26V05
Description  Silicon epitaxial planar type
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA26V05 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA26V05 Datasheet HTML 1Page - Panasonic Semiconductor MA26V05 Datasheet HTML 2Page - Panasonic Semiconductor MA26V05 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Publication date: November 2003
SKD00076CED
Variable Capacitance Diodes
MA26V05
Silicon epitaxial planar type
For VCO
■ Features
• Good linearity and large capacitance-ratio in C
D − VR relation
• Small series resistance r
D
■ Absolute Maximum Ratings T
a
= 25°C
Parameter
Symbol
Rating
Unit
Reverse voltage
VR
10
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Marking Symbol: 2J
Unit: mm
1: Anode
2: N.C.
3: Cathode
ML3-N2 Package
1.00±0.05
2
1
3
0.39
+0.01
−0.03
0.25±0.05
0.25±0.05
0.65±0.01
2
1
0.05±0.03
3
■ Electrical Characteristics T
a
= 25°C ± 3°C
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current
IR
VR = 10 V
10
nA
Diode capacitance
CD1V
VR
= 1 V, f = 1 MHz
18.5
20.5
pF
CD4V
VR = 4 V, f = 1 MHz
3.6
4.1
Capacitance ratio
CD1V /CD4V
4.7
Series resistance *
rD
VR
= 4 V, f = 470 MHz
0.65
Note) 1. Measuring methods are based on JAPANESE INDUSTRIAL STANDARD JIS C 7031 measuring methods for diodes.
2. Absolute frequency of input and output is 470 MHz.
3. *: Measuring instrument: YHP MODEL 4191A RF IMPEDANCE ANALYZER


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MA2YD26 Silicon epitaxial planar type 1  2  3  Panasonic Semiconductor
XP03316 Silicon NPN epitaxial planar type 1  2  3  4  5  Panasonic Semiconductor
MA22D23 Silicon epitaxial planar type For high frequency rectification 1  2  3  Panasonic Semiconductor
XN06435 Silicon PNP epitaxial planar type 1  2  3  Panasonic Semiconductor
2SB1253 Silicon PNP epitaxial planar type Darlington For power amplification 1  2  3  Panasonic Semiconductor
2SD1752 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
MA2C196 Silicon epitaxial planar type 1  2  Panasonic Semiconductor
MA2YD21 Silicon epitaxial planar type 1  2  3  Panasonic Semiconductor
MA2S376 Silicon epitaxial planar type 1  2  Panasonic Semiconductor
MA2X338 Silicon epitaxial planar type 1  2  Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn