Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFE210 Datasheet(PDF) 2 Page - International Rectifier

Part # IRFE210
Description  REPETITIVE AVALANCHE AND dv/dt RATED HEXFET-R?쏷RANSISTORS SURFACE MOUNT (LCC-18)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFE210 Datasheet(HTML) 2 Page - International Rectifier

  IRFE210 Datasheet HTML 1Page - International Rectifier IRFE210 Datasheet HTML 2Page - International Rectifier IRFE210 Datasheet HTML 3Page - International Rectifier IRFE210 Datasheet HTML 4Page - International Rectifier IRFE210 Datasheet HTML 5Page - International Rectifier IRFE210 Datasheet HTML 6Page - International Rectifier IRFE210 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IRFE210
2
www.irf.com
Thermal Resistance
Parameter
Min Typ Max Units
Test Conditions
RthJC
Junction to Case
8.3
RthJ-PCB
Junction to PC Board
27"""
Soldered to a copper clad PC board
°C/W
Source-Drain Diode Ratings and Characteristics
Parameter
Min Typ Max Units
Test Conditions
IS
Continuous Source Current (Body Diode)
2.25
ISM
Pulse Source Current (Body Diode) ➀
9.0
VSD
Diode Forward Voltage
1.5
V
Tj = 25°C, IS =2.25A, VGS = 0V ➃
trr
Reverse Recovery Time
350
nS
Tj = 25°C, IF =2.25A, di/dt ≤100A/µs
QRR
Reverse Recovery Charge
0.66
µc
VDD ≤50V ➃
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible. Turn-on speed is substantially controlled by LS + LD.
A
For footnotes refer to the last page
Electrical Characteristics @ Tj = 25°C (Unless Otherwise Specified)
Parameter
Min
Typ Max Units
Test Conditions
BVDSS
Drain-to-Source Breakdown Voltage
200
V
VGS = 0V, ID = 1.0mA
∆BVDSS/∆TJ Temperature Coefficient of Breakdown
0.23
V/°C
Reference to 25°C, ID = 1.0mA
Voltage
RDS(on)
Static Drain-to-Source On-State
1.5
VGS = 10V, ID =1.5A➃
Resistance
1.725
VGS =10V, ID =2.25A ➃
VGS(th)
Gate Threshold Voltage
2.0
4.0
V
VDS = VGS, ID =250µA
gfs
Forward Transconductance
1.4
S ( )
VDS > 15V, IDS =1.5A➃
IDSS
Zero Gate Voltage Drain Current
2 5
VDS=160V, VGS=0V
250
VDS =160V
VGS = 0V, TJ = 125°C
IGSS
Gate-to-Source Leakage Forward
100
VGS =20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS =-20V
Qg
Total Gate Charge
6.2
VGS =10V, ID= 2.25A
Qgs
Gate-to-Source Charge
1.2
nC
VDS =100V
Qgd
Gate-to-Drain (‘Miller’) Charge
5.0
td(on)
Turn-On Delay Time
1 5
VDD =100V, ID =2.25A,
t r
Rise Time
2 0
RG =7.5Ω
td(off)
Turn-Off Delay Time
3 0
tf
Fall Time
2 0
LS + LD
Total Inductance
6.1
Ciss
Input Capacitance
150
VGS = 0V, VDS =25V
Coss
Output Capacitance
5 7
pF
f = 1.0MHz
Crss
Reverse Transfer Capacitance
1 5
nA
nH
ns
µA
Measured from the center of
drain pad to center of source
pad


Similar Part No. - IRFE210

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFE210 IRF-IRFE210 Datasheet
161Kb / 7P
   Simple Drive Requirements
IRFE210 IRF-IRFE210_15 Datasheet
161Kb / 7P
   Simple Drive Requirements
More results

Similar Description - IRFE210

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFE024 IRF-IRFE024 Datasheet
229Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET?쏷RANSISTORS SURFACE MOUNT (LCC-18)
IRFE220 IRF-IRFE220 Datasheet
228Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE320 IRF-IRFE320 Datasheet
236Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE220 IRF-IRFE220_07 Datasheet
197Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE9110 IRF-IRFE9110 Datasheet
124Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE120 IRF-IRFE120_07 Datasheet
295Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE9210 IRF-IRFE9210 Datasheet
134Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE230 IRF-IRFE230 Datasheet
201Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE130 IRF-IRFE130 Datasheet
201Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE9110 IRF-IRFE9110 Datasheet
124Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com