Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN8621B Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # FAN8621B
Description  12V Spindle Motor and Voice Coil Motor Driver IC
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN8621B Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN8621B Datasheet HTML 7Page - Fairchild Semiconductor FAN8621B Datasheet HTML 8Page - Fairchild Semiconductor FAN8621B Datasheet HTML 9Page - Fairchild Semiconductor FAN8621B Datasheet HTML 10Page - Fairchild Semiconductor FAN8621B Datasheet HTML 11Page - Fairchild Semiconductor FAN8621B Datasheet HTML 12Page - Fairchild Semiconductor FAN8621B Datasheet HTML 13Page - Fairchild Semiconductor FAN8621B Datasheet HTML 14Page - Fairchild Semiconductor FAN8621B Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
FAN8621B
11
Application Informations
General
The FAN8621B is a stand alone combination chip consisting of Spindle Motor (SPM) and Voice Coil Motor (VCM)circuit for
HDD applications. The speed control of SPM is achieved by internal Synchronous Phase Locked Loop (SPLL). The
FAN8621B supplies adjustable regulated power with external component and signals READY indicating SPM is locked
within some speed range (typically ±0.7% speed error). Current set point is applied by two PWM signals and VCM current is
monitored by external sense resistor. VCM circuit generates 4 voltage references for testing. Fig.1 shows overall interfacing of
FAN8621B with external and HDD motors
Figure 1. Overall Interfacing of the FAN8621B
The control signals have three status and their function is summarized as follows;
Table 1. Control PIN function
Notes:
1. SPM bias + SPM Output Driver enable
2. Makes SPM Open Loop (Start-up) Commutation Signal
3. Test Only when READY is low
Pin Status
Signals
HZ
L
CNTL1
SPM
enable(1)
bias enable
disable
Brake
disable
disable
enable
CNTL2
Commutation
hard
Hard
soft
Start Clock
high(2)
low(2)
-
CNTL3
VCM
enable
disable
disable
Retract
disable
disable
enable
GAINSEL
Start-up hold
normal
normal
hold(3)
Sense Amp gain
2
2
8
Power
Power
Power
Power
Management
Management
Management
Management
SPM
SPM
SPM
SPM
VCM
VCM
VCM
VCM
Retract/Brake
DIGITAL
DIGITAL
DIGITAL
DIGITAL
ASIC
ASIC
ASIC
ASIC
Interface
Interface
Interface
Interface
POR
CNTL1
CNTL2
CNTL3
PWMH
PWML
GAINSEL
READY
FG
VCMREF4V
Vreg3.3
RPMSEL
TSD
CLK


Similar Part No. - FAN8621B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8620B FAIRCHILD-FAN8620B Datasheet
475Kb / 35P
   12V Spindle Motor and Voice Coil Motor Driver
More results

Similar Description - FAN8621B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8620B FAIRCHILD-FAN8620B Datasheet
475Kb / 35P
   12V Spindle Motor and Voice Coil Motor Driver
KA2811C FAIRCHILD-KA2811C Datasheet
313Kb / 28P
   12V Spindle Motor and Voice Coil Motor Driver
logo
Texas Instruments
TLS2205 TI-TLS2205 Datasheet
775Kb / 31P
[Old version datasheet]   VOICE - COIL MOTOR DRIVER, SPINDLE - MOTOR DRIVER, AND VOLTAGE MONITOR
logo
Panasonic Semiconductor
AN8420FBP PANASONIC-AN8420FBP Datasheet
1Mb / 27P
   Spindle/Voice Coil Motor Drive IC
logo
STMicroelectronics
L6246 STMICROELECTRONICS-L6246 Datasheet
103Kb / 12P
   12V VOICE COIL MOTOR DRIVER
February 1998
logo
Fairchild Semiconductor
KA3120 FAIRCHILD-KA3120 Datasheet
782Kb / 43P
   SPINDLE & VOICE COIL MOTOR ONE CHIP DRIVER
logo
NXP Semiconductors
TDA5147K PHILIPS-TDA5147K Datasheet
154Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1996 Jul 26
TDA5149G PHILIPS-TDA5149G Datasheet
148Kb / 28P
   12 V Voice Coil Motor VCM driver and spindle motor pre-driver combination chip
1996 May 06
TDA5147CH PHILIPS-TDA5147CH Datasheet
196Kb / 32P
   12 V Voice Coil Motor VCM driver and spindle motor drive combination chip
1997 Jul 09
logo
Sanyo Semicon Device
LB11699H SANYO-LB11699H Datasheet
115Kb / 9P
   Spindle Motor Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com