Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS15MB200TSQX Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS15MB200TSQX
Description  Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS15MB200TSQX Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DS15MB200TSQX Datasheet HTML 2Page - National Semiconductor (TI) DS15MB200TSQX Datasheet HTML 3Page - National Semiconductor (TI) DS15MB200TSQX Datasheet HTML 4Page - National Semiconductor (TI) DS15MB200TSQX Datasheet HTML 5Page - National Semiconductor (TI) DS15MB200TSQX Datasheet HTML 6Page - National Semiconductor (TI) DS15MB200TSQX Datasheet HTML 7Page - National Semiconductor (TI) DS15MB200TSQX Datasheet HTML 8Page - National Semiconductor (TI) DS15MB200TSQX Datasheet HTML 9Page - National Semiconductor (TI) DS15MB200TSQX Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Typical Performance Characteristics
Power Supply Current vs. Bit Data Rate
Total Jitter vs. Bit Data Rate
20157320
Dynamic power supply current was measured with all channels active and
toggling at the bit data rate. Data pattern has no effect on the power
consumption. VDD = 3.3V, TA = +25˚C, VID = 0.5V, VCM = 1.2V
20157321
Total Jitter measured at 0V differential while running a PRBS 27-1 pattern
with one channel active, all other channels are disabled. VDD = 3.3V, TA =
+25˚C, VID = 0.5V, pre-emphasis off.
Total Jitter vs. Temperature
20157322
Total Jitter measured at 0V differential while running a PRBS 27-1 pattern
with one channel active, all other channels are disabled. VDD = 3.3V, VID =
0.5V, VCM = 1.2V, 1.5 Gbps data rate, pre-emphasis off.
FIGURE 2. LLP Performance Characteristics
www.national.com
7


Similar Part No. - DS15MB200TSQX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DS15MB200TSQX NSC-DS15MB200TSQX Datasheet
591Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
Texas Instruments
DS15MB200TSQX/NOPB TI1-DS15MB200TSQX/NOPB Datasheet
874Kb / 18P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
More results

Similar Description - DS15MB200TSQX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS15MB200 TI1-DS15MB200_13 Datasheet
874Kb / 18P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
logo
National Semiconductor ...
DS15MB200_0605 NSC-DS15MB200_0605 Datasheet
591Kb / 10P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis
SCAN15MB200 NSC-SCAN15MB200 Datasheet
602Kb / 12P
   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
logo
Texas Instruments
SCAN15MB200 TI1-SCAN15MB200_15 Datasheet
774Kb / 20P
[Old version datasheet]   Dual 1.5 Gbps 2:1/1:2 LVDS Mux/Buffer with Pre-Emphasis and IEEE 1149.6
DS25MB200 TI1-DS25MB200_14 Datasheet
781Kb / 17P
[Old version datasheet]   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS42MB200 NSC-DS42MB200_07 Datasheet
3Mb / 16P
   Dual 4.25 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS40MB200 NSC-DS40MB200_07 Datasheet
1Mb / 16P
   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
DS25MB200 NSC-DS25MB200_08 Datasheet
319Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre- Emphasis and Receive Equalization
logo
Texas Instruments
DS40MB200 TI1-DS40MB200_14 Datasheet
922Kb / 20P
[Old version datasheet]   Dual 4.0 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
logo
National Semiconductor ...
DS25MB200 NSC-DS25MB200_07 Datasheet
316Kb / 14P
   Dual 2.5 Gbps 2:1/1:2 CML Mux/Buffer with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com