Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1041ARQ-REEL Datasheet(PDF) 8 Page - Analog Devices

Part # ADM1041ARQ-REEL
Description  Secondary-Side Controller with Current Share and Housekeeping
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041ARQ-REEL Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM1041ARQ-REEL Datasheet HTML 4Page - Analog Devices ADM1041ARQ-REEL Datasheet HTML 5Page - Analog Devices ADM1041ARQ-REEL Datasheet HTML 6Page - Analog Devices ADM1041ARQ-REEL Datasheet HTML 7Page - Analog Devices ADM1041ARQ-REEL Datasheet HTML 8Page - Analog Devices ADM1041ARQ-REEL Datasheet HTML 9Page - Analog Devices ADM1041ARQ-REEL Datasheet HTML 10Page - Analog Devices ADM1041ARQ-REEL Datasheet HTML 11Page - Analog Devices ADM1041ARQ-REEL Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
ADM1041
Rev. A | Page 8 of 64
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DC Offset Trim Range (with respect to input)
−8
mV
Reg 17h[2:0] = 000. See Table 32 .
−15
mV
Reg 17h[2:0] = 001. See Table 32.
−30
mV
Reg 17h[2:0] = 010. See Table 32.
8
mV
Reg 17h[2:0] = 100. See Table 32.
15
mV
Reg 17h[2:0] = 101. See Table 32.
30
mV
Reg 17h[2:0] = 110. See Table 32.
DC Offset Trim Step Size
30
µV
VCM = 2.0 V, VDIFF = 0 V
(with respect to input)
50
µV
8 bits, 255 steps
120
µV
Reg 15h[7:0]. See Table 30.
CURRENT SENSE CALIBRATION
Total Current Sense Error2
(Gain and Offset)
VCSCM = 2.0V, 0°C ≤ TA ≤ 85 OC SHRS =
SHRO = 2 V. Gain = 230x
±3
%
Chopper ON
±6
%
Chopper OFF
Gain Range (ISENSE)
Input voltage range at CS+, CS
Gain Setting 1 (Reg 16h[2:0] = 000)
65
V/V
34.0 mV – 44.5 mV. Gain = 65×
Gain Setting 2 (Reg 16h[2:0] = 001)
85
V/V
26.0 mV – 34.0 mV. Gain = 85×
Gain Setting 3 (Reg 16h[2:0] = 010)
110
V/V
20.0 mV – 26.0 mV. Gain = 110×
Gain Setting 4 (Reg 16h[2:0] = 100)
135
V/V
16.0 mV – 20.0 mV. Gain = 135×
Gain Setting 5 (Reg 16h[2:0] = 101)
175
V/V
12.0 mV – 16.0 mV. Gain = 175×
Gain Setting 6 (Reg 16h[2:0] = 110)
230
V/V
9.5 mV – 12.0 mV. Gain = 230×
Full Scale (No Offset)
2.0
V
VZO = 0
Attenuation Range
65 to 99
%
Reg 06h[7:1]. See Table 15.
Current Share Trim Step (at SHRO)
0.4
%
SHRS = SHRO = 1 V
8
mV
7 bits, 127 steps ISHARE slope
Gain Accuracy2, 4, 40 mV at CS+, CS
−5
+5
%
0 V ≤ VCSCM ≤ 0.3 V. Gain = 65×
VCSCM = Input Common Mode
Gain Accuracy2, 4, 20 mV at CS+, CS
−5
±1
+5
%
VCSCM = 2.0V, 0°C ≤ TA ≤ 85°C
Gain = 135×
Gain Accuracy2, 4, 40 mV at CS+, CS
−2.5
±0.5
+2.5
%
VCSCM = 2.0 V, 0°C ≤ TA ≤ 85°C
Gain = 65×
SHARE BUS OFFSET
See Figure 13.
Current Share Offset Range
1.25
V
Reg 17h[7] = 1. See Table 32.
Reg 17h[5] = 1. See Table 32.
Zero Current Offset Trim Step
0 ≤ VTRIM ≤ 1.25 V
0.4
%
8 bits, 255 steps, VCT = 1.0 V
5.5
mV
Reg 05h[7:0]. See Table 14.
CURRENT TRANSFORMER SENSE INPUT, ICT
Reg 17h[7] = 1. See Table 32.
Reg 06h = FEh. See Table 15.
Gain Setting 0
4.5
V/V
Reg 17h[5] = 0, VSHARE = 2 V. Table 31
Gain Setting 1
2.57
V/V
Reg 17h[5] = 1. See Table 32.
Reg 15h = 05h, approx 1 µA.
See Table 30. VSHARE = 2 V.
CT Input Sensitivity
0.45
0.5
0.68
V
Gain setting = 4.5
CT Input Sensitivity
0.79
1.0
1.20
V
Gain setting = 2.57
Input Impedance2
20
50
kΩ
Source Current
2.0
µA
See Current Transformer Input
Section.
Source Current Step Size
170
nA
15 steps Reg 15h[3:0].
See Table 30.
Reverse Current for Extended SMBus
Addressing (Source Current) 5
3.5
5
7
mA
See Figure 38. See Absolute
Maximum Ratings.


Similar Part No. - ADM1041ARQ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041AARQZ AD-ADM1041AARQZ Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041AARQZ-REEL AD-ADM1041AARQZ-REEL Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041AARQZ-REEL7 AD-ADM1041AARQZ-REEL7 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
More results

Similar Description - ADM1041ARQ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041 AD-ADM1041_15 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
logo
List of Unclassifed Man...
AS2316 ETC-AS2316 Datasheet
60Kb / 10P
   Secondary Side Housekeeping Circuit
logo
STMicroelectronics
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
logo
Leadtrend Technology
LD8115A LEADTREND-LD8115A Datasheet
619Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
LD8115 LEADTREND-LD8115 Datasheet
554Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
logo
Texas Instruments
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com