Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1041ARQ-REEL Datasheet(PDF) 50 Page - Analog Devices

Part # ADM1041ARQ-REEL
Description  Secondary-Side Controller with Current Share and Housekeeping
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041ARQ-REEL Datasheet(HTML) 50 Page - Analog Devices

Back Button ADM1041ARQ-REEL Datasheet HTML 46Page - Analog Devices ADM1041ARQ-REEL Datasheet HTML 47Page - Analog Devices ADM1041ARQ-REEL Datasheet HTML 48Page - Analog Devices ADM1041ARQ-REEL Datasheet HTML 49Page - Analog Devices ADM1041ARQ-REEL Datasheet HTML 50Page - Analog Devices ADM1041ARQ-REEL Datasheet HTML 51Page - Analog Devices ADM1041ARQ-REEL Datasheet HTML 52Page - Analog Devices ADM1041ARQ-REEL Datasheet HTML 53Page - Analog Devices ADM1041ARQ-REEL Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
ADM1041
Rev. A | Page 50 of 64
Table 36. Register 1Bh, Sel CBD/SMBAlert2. Power-On Default from EEPROM Register 811Bh during Power-Up.
Bit No.
Name
R/W
Description
7
selcbd2 <7>
R/W
VDDOK b (inverted)
6
selcbd2 <6>
R/W
mfg1
5
selcbd2 <5>
R/W
mfg2
4
selcbd2 <4>
R/W
mfg3
3
selcbd2 <3>
R/W
mfg4
2
selcbd2 <2>
R/W
m_cbd_w Microprocessor Control of CBD
1
selcbd2 <1>
R/W
mfg5
0
selcbd2 <0>
R/W
Not used.
Table 37. Register 1Ch, Manufacturer’s ID. Power-On Default 41h.
Bit No.
Name
R/W
Description
7–0
Manufacturer’s ID
Code
R
This register contains the manufacturer’s ID code for the device. It is used by the manufacturer
for test purposes and should not be read from or written to in normal operation.
Table 38. Register 1Dh, Revision Register. Power-On Default 01h.
Bit No.
Name
R/W
Description
7–4
Major Revision Code
R
These 4 bits denote the generation of the device.
3–0
Minor Revision Code
R
These 4 bits contain the manufacturer’s code for minor revisions to the device. Rev 0 = 0h, Rev
1 = 1h, and so on.
This register is used by the manufacturer for test purposes. It should not be read from or
written to in normal operation.
Table 39. Register 2Ah, Status1 Mirror. Power-On Default 00h.
These flags are cleared by a register read, provided the fault no longer persists.
Bit No.
Name
R/W
Description
7
ovfault_L
R
Overvoltage fault has occurred.
6
uvfault_L
R
Undervoltage fault has occurred.
5
ocpto_L
R
Overcurrent has occured and timed out (ocpf is in Status3).
4
mfg1_L
R
MON1 flag.
3
mfg2_L
R
MON2 flag.
2
mfg3_L
R
MON3 flag.
1
mfg4_L
R
MON4 flag.
0
mfg5_L
R
MON5 flag.
Note that latched bits are clocked on a low-to-high transmission only. Also note that these
register bits are cleared when read via the SMBus, except if the fault is still present. It is
recommended to read the register again after the faults disappear to ensure reset.


Similar Part No. - ADM1041ARQ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041AARQZ AD-ADM1041AARQZ Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041AARQZ-REEL AD-ADM1041AARQZ-REEL Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041AARQZ-REEL7 AD-ADM1041AARQZ-REEL7 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
More results

Similar Description - ADM1041ARQ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041 AD-ADM1041_15 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
logo
List of Unclassifed Man...
AS2316 ETC-AS2316 Datasheet
60Kb / 10P
   Secondary Side Housekeeping Circuit
logo
STMicroelectronics
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
logo
Leadtrend Technology
LD8115A LEADTREND-LD8115A Datasheet
619Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
LD8115 LEADTREND-LD8115 Datasheet
554Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
logo
Texas Instruments
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com