Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1041ARQ Datasheet(PDF) 54 Page - Analog Devices

Part # ADM1041ARQ
Description  Secondary-Side Controller with Current Share and Housekeeping
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041ARQ Datasheet(HTML) 54 Page - Analog Devices

Back Button ADM1041ARQ Datasheet HTML 50Page - Analog Devices ADM1041ARQ Datasheet HTML 51Page - Analog Devices ADM1041ARQ Datasheet HTML 52Page - Analog Devices ADM1041ARQ Datasheet HTML 53Page - Analog Devices ADM1041ARQ Datasheet HTML 54Page - Analog Devices ADM1041ARQ Datasheet HTML 55Page - Analog Devices ADM1041ARQ Datasheet HTML 56Page - Analog Devices ADM1041ARQ Datasheet HTML 57Page - Analog Devices ADM1041ARQ Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 64 page
background image
ADM1041
Rev. A | Page 54 of 64
TRIM TABLE
This table shows all of the trims that can be set in the ADM1041.
Table 44.
Description
Name
Range
Steps
Step Size
Reg
Bit No.
Set Load Voltage. Trim output from
differential amplifier to set voltage at load.
load_v
1.7 V–2.3 V
(at input pins)
255
1.74 mV–3.18 mV
19h
7–0
Set Load OV. Trim calibrated output from
remote sense amplifier to set load OV
threshold.
load_ov
105%–120%
Offset input
255
1.6 mV
08h
7–0
Set False UV Clamp Threshold. Fine trim
output to set voltage before OR-FET in case
of load OV (at input pins).
uv_clamp
1.3 V–2.1 V
255
1.94 mV–5.07 mV
18h
7–0
Set Local UVP Threshold. Fine trim output
from local sense buffer to set UVP
threshold (at input pins).
local_uvp
1.3 V–2.1V
255
1.94 mV–5.07 mV
09h
7–0
Set Local OVP Threshold. Fine trim output
from sense buffer to set OVP threshold (at
input pins).
local_ovp
1.9 V–2.85 V
255
2.48 mV–5.59 mV
0Ah
7–0
External Divider Offset Trim Range.
os_
div_range
±5 mV
±10 mV
±20 mV
20 µV
39 µV
78 µV
16h
5-3
External Divider Offset Trim. Trim out offset
due to resistor divider tolerances.
os_div
255
14h
7–0
DC Offset Trim Range.
os_dc_range
±8 mV
±15 mV
±30 mV
30 µV
60 µV
120 µV
17h
3–0
Current Sense DC Offset Trim. Trim out
amplifier dc offset.
os_dc
255
15h
7–0
Calibrate Current Sense Range. Differential
sense input, six ranges configurable.
ISENSE_range
9.5 to 12.0 mV
12.0 to 16.0 mV
16.0 to 20.0 mV
20.0 to 26.0 mV
26.0 to 34.0 mV
34.0 to 44.5 mV
16h
2–0
Current Transformer Gain Range.
ct_range
0.45 to 0.68 V
0.79 to 1.2 V
17h
5
Calibrate Current Sense. ISHARE = 2.0 V.
ISHARE_slope
127
8 mV (at SHRO)
06h
7–1
Current Share Offset. Trim offset to be
added to ISHARE output.
ISHARE_offset
0 to 1.25 V (at SHRO)
255
5.5 mV
05h
7–0
Current Limit Trim. Current sense level
where current limiting will start.
curr_limit
105%–130% (SHRO
2.1 V–2.6 V)
31
26 mV (at SHRO)
04h
7–3
OTP Sense Threshold.
otp_trim (at
input pins)
2.1 V–2.5 V
15
27 mV
0Bh
7–4
Set AC Sense Threshold.
acsns_thresh
1.10 V–1.45 V
31
14 mV
0Ch
7–3
Set AC Sense Hysteresis.
acsns_hyst
200 mV–550 mV
7
50 mV
0Ch
2–0


Similar Part No. - ADM1041ARQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041AARQZ AD-ADM1041AARQZ Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041AARQZ-REEL AD-ADM1041AARQZ-REEL Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041AARQZ-REEL7 AD-ADM1041AARQZ-REEL7 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
More results

Similar Description - ADM1041ARQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041A AD-ADM1041A Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
ADM1041 AD-ADM1041_15 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
logo
List of Unclassifed Man...
AS2316 ETC-AS2316 Datasheet
60Kb / 10P
   Secondary Side Housekeeping Circuit
logo
STMicroelectronics
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
logo
Leadtrend Technology
LD8115A LEADTREND-LD8115A Datasheet
619Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
LD8115 LEADTREND-LD8115 Datasheet
554Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
logo
Texas Instruments
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com