Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA240 Datasheet(PDF) 1 Page - Cirrus Logic

Part # PA240
Description  HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

PA240 Datasheet(HTML) 1 Page - Cirrus Logic

  PA240 Datasheet HTML 1Page - Cirrus Logic PA240 Datasheet HTML 2Page - Cirrus Logic PA240 Datasheet HTML 3Page - Cirrus Logic PA240 Datasheet HTML 4Page - Cirrus Logic PA240 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • TELEPHONE (520) 690-8600 • FAX (520) 888-3329 • ORDERS (520) 690-8601 • EMAIL prodlit@apexmicrotech.com
1
FEATURES
• RoHS COMPLIANT
• MONOLITHIC MOS TECHNOLOGY
• LOW COST
• HIGH VOLTAGE OPERATION—350V
• LOW QUIESCENT CURRENT TYP.—2.2mA
• NO SECOND BREAKDOWN
• HIGH OUTPUT CURRENT—120 mA PEAK
APPLICATIONS
• TELEPHONE RING GENERATOR
• PIEZO ELECTRIC POSITIONING
• ELECTROSTATIC TRANSDUCER & DEFLECTION
• DEFORMABLE MIRROR FOCUSING
• PACKAGING OPTIONS
7 TO-220 with staggered Lead Form (PA240CX)
7 DDPAK Surface Mount Package (PA240CC)
DESCRIPTION
The PA240 is a high voltage monolithic MOSFET opera-
tional amplifier achieving performance features previously
found only in hybrid designs while increasing reliability. Inputs
are protected from excessive common mode and differential
mode voltages. The safe operating area (SOA) has no second
breakdown limitations. External compensation provides the
user flexibility in choosing optimum gain and bandwidth for
the application.
The PA240 is packaged in two standard package designs.
The surface mount version of the PA240, the PA240CC,
is an industry standard non-hermetic plastic 7-pin DDPAK.
The through hole version of the PA240, the PA240CX, is an
industry standard non-hermetic plastic 7-pin TO-220 package.
The PA240CX is a staggered lead formed option that offers
industry standard 100 mil spacing. This allows for easier PC
board layout. (Please refer to package drawings for outline
dimensions.)
EQUIVALENT SCHEMATIC
EXTERNAL CONNECTIONS
For CC values, see graph on page 3.
Note: CC must be rated for full supply voltage.
DDPAK
TO-220
PKG. STYLE CC
STAGGERED LEADS
PKG. STYLE CX
High voltage considerations should be taken when design-
ing board layouts for the PA240. The PA240 may require a
derate in supply voltage depending on the spacing used for
board layout. The 15-mil and 14-mil minimum spacing of the 7
TO-220 and 7 DDPAK respectively is adequate to standoff the
350V rating of the PA240. However, a supply voltage derate to
250V is required if the spacing of circuit board artwork is less
than 11 mils. In cases where the PA240 is used to its maximum
voltage rating, the PA240CX is recommended given that the
staggered lead form allows for 100-mil standard spacing.
The metal tabs of both the PA240CC and PA240CX pack-
ages are isolated in excess of full supply voltage.
TYPICAL APPLICATON
Reference Application Notes 3, 20 and 25


Similar Part No. - PA240

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
PA240 CIRRUS-PA240 Datasheet
220Kb / 5P
   High Voltage Power Operational Amplifier
logo
List of Unclassifed Man...
PA240DCT ETC2-PA240DCT Datasheet
80Kb / 4P
   PA and PB Series Panel Protection Devices
More results

Similar Description - PA240

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA40 ETC1-PA40 Datasheet
64Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA44 ETC-PA44 Datasheet
66Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
Cirrus Logic
PA140 APEX-PA140 Datasheet
76Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA241 CIRRUS-PA241 Datasheet
269Kb / 7P
   High Voltage Power Operational Amplifier
PA243 CIRRUS-PA243 Datasheet
254Kb / 6P
   High Voltage Power Operational Amplifier
PA243 APEX-PA243 Datasheet
461Kb / 5P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA240 CIRRUS-PA240 Datasheet
220Kb / 5P
   High Voltage Power Operational Amplifier
PA46 APEX-PA46 Datasheet
68Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
PA95 APEX-PA95 Datasheet
62Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
logo
List of Unclassifed Man...
PA45 ETC-PA45 Datasheet
58Kb / 4P
   HIGH VOLTAGE POWER OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com