Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIM1-1215D-DIL8 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SIM1-1215D-DIL8
Description  1 Watt Ultra-Miniatur DIL-Modul-Serie
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

SIM1-1215D-DIL8 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SIM1-1215D-DIL8 Datasheet HTML 1Page - List of Unclassifed Manufacturers SIM1-1215D-DIL8 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technische Änderungen vorbehalten.
Technical specifications are subject to change without notice.
ME MO :
HN Electronic Components GmbH • Birkenweiherstr. 2 • D-63505 Langenselbold
Tel. (06184) 92780 • Fax (06184) 62316 • http://www.hn-electronic.de
59
SIM1-DIL 8
1 Watt Ultra-Miniatur DIL-Modul-Serie
Bestell-Information / Order Information
Modell
Eingang/
Ausgang 1/
Ausgang 2/
Input
Output 1
Output 2
V
V /mA
V /mA
SIM1-0505S-DIL8
5
5/200
SIM1-0512S-DIL8
5
12/100
SIM1-0515S-DIL8
5
15/85
SIM1-0524S-DIL8
5
24/50
SIM1-1205S-DIL8
12
5/200
SIM1-1212S-DIL8
12
12/100
SIM1-1215S-DIL8
12
15/85
SIM1-1224S-DIL8
12
24/50
SIM1-1505S-DIL8
15
5/200
SIM1-1512S-DIL8
15
12/100
SIM1-1515S-DIL8
15
15/85
SIM1-1524S-DIL8
15
24/50
SIM1-2405S-DIL8
24
5/200
SIM1-2412S-DIL8
24
12/100
SIM1-2415S-DIL8
24
15/85
SIM1-2424S-DIL8
24
24/50
SIM1-0505D-DIL8
5
5/100
−5/100
SIM1-0512D-DIL8
5
12/50
−12/50
SIM1-0515D-DIL8
5
15/40
−15/40
SIM1-1205D-DIL8
12
5/100
−5/100
SIM1-1212D-DIL8
12
12/50
−12/50
SIM1-1215D-DIL8
12
15/40
−15/40
SIM1-1505D-DIL8
15
5/100
−5/100
SIM1-1512D-DIL8
15
12/50
−12/50
SIM1-1515D-DIL8
15
15/40
−15/40
PIN-Belegung und Zeichnung / Pin Assignments & Drawing, mm (inch)
Andere Typen und Spannungen auf Anfrage • Other models and configurations on request.
ø0,5 (0.02 DIA)
BOTTOM
VIEW
12,60 (0.50)
7,62
(0.30)
1,10
(0.04)
1,60
(0.06)
2,54 (0.1)
5 6 7 8
4
1
SIM1-DIL8
Pin Connection
Pin
Single Output
Dual Output
1
−V Input
−V Input
4
+V Input
+V Input
5
+V Output
+V Output
6
No Pin
No Pin
7
−V Output
Common
8
No Pin
−V Output
Toleranzen …,x = 0,5 mm
Tolerances …,xx = 0,25 mm
1W
DC/DC
SIM-DIL
MODUL
DB_00_98.fm Seite 59 Donnerstag, 22. Oktober 1998 3:59 15


Similar Part No. - SIM1-1215D-DIL8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIM1-1215-SIL4 ETC-SIM1-1215-SIL4 Datasheet
62Kb / 2P
   1 Watt Ultra-Miniatur SIL-Modul-Serie
More results

Similar Description - SIM1-1215D-DIL8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SIM1 ETC-SIM1 Datasheet
62Kb / 2P
   1 Watt Ultra-Miniatur SIL-Modul-Serie
SIM2-0505S-SIL7 ETC-SIM2-0505S-SIL7 Datasheet
59Kb / 2P
   2 Watt Ultra-Miniatur SIL-Modul-Series
logo
PIC GmbH
MS-213-3 PIC-MS-213-3_14 Datasheet
325Kb / 2P
   Miniatur-Reedsensor
logo
List of Unclassifed Man...
SIM5-0505S ETC1-SIM5-0505S Datasheet
118Kb / 2P
   3 Watt Small-Input-Ranging Compact-Serie
logo
PIC GmbH
PLS-031A-3PAI PIC-PLS-031A-3PAI Datasheet
291Kb / 2P
   Miniatur-Levelsensor
PLS-031A-3PPI PIC-PLS-031A-3PPI Datasheet
159Kb / 2P
   Miniatur-Levelsensor
MS-214-3 PIC-MS-214-3_14 Datasheet
309Kb / 2P
   Miniatur-Reedsensor
PLS-031B-3PPI PIC-PLS-031B-3PPI Datasheet
159Kb / 2P
   Miniatur-Levelsensor
MS-225-3 PIC-MS-225-3 Datasheet
226Kb / 2P
   Miniatur-Reedsensor
PLS-031B-3PAI PIC-PLS-031B-3PAI Datasheet
291Kb / 2P
   Miniatur-Levelsensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com