Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS150PWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS150PWR
Description  MuxIt-TM PLL FREQUENCY MULTIPLIER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS150PWR Datasheet(HTML) 2 Page - Texas Instruments

  SN65LVDS150PWR Datasheet HTML 1Page - Texas Instruments SN65LVDS150PWR Datasheet HTML 2Page - Texas Instruments SN65LVDS150PWR Datasheet HTML 3Page - Texas Instruments SN65LVDS150PWR Datasheet HTML 4Page - Texas Instruments SN65LVDS150PWR Datasheet HTML 5Page - Texas Instruments SN65LVDS150PWR Datasheet HTML 6Page - Texas Instruments SN65LVDS150PWR Datasheet HTML 7Page - Texas Instruments SN65LVDS150PWR Datasheet HTML 8Page - Texas Instruments SN65LVDS150PWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
SN65LVDS150
MuxIt
™ PLL FREQUENCY MULTIPLIER
SLLS443 – DECEMBER 2000
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
description (continued)
The design of the SN65LVDS150 allows it to be used at either the transmit end or the receive end of the MuxIt
serial link. The differential clock reference input (CRI) is driven by the system’s parallel data clock when at the
source end of the link, or by the link clock when at the destination end of the link. The differential clock reference
input may be driven by either an LVDS differential signal, or by a single ended clock of either polarity. For
single-ended use the nonclocked input is biased to the logic threshold voltage. A VCC/2 threshold reference,
VT, is provided on a pin adjacent the differential CRI pins for convenience when the input is used in a
single-ended mode.
The multiplied clock output (MCO) is an LVDS differential signal used to drive the high-speed shift registers in
either the SN65LVDS151 serializer-transmitter or the SN65LVDS152 receiver-deserializer. The link clock
reference output (LCRO) is an LVDS differential signal provided to the SN65LVDS151 serializer-transmitter for
transmission over the link.
An internal power on reset and an enable input (EN) control the operation of the SN65LVDS150. When VCC is
below 1.5 V, or when EN is low, the device is in a low power disabled state and the MCO and LCRO differential
outputs are in a high-impedance state. When VCC is above 3 V and EN is high, the device and the two differential
outputs are enabled and operating to specifications. The link clock reference output enable input (LCRO_EN)
is used to turn off the LCRO output when it is not being used. A band select input (BSEL) is used to optimize
the VCO performance as a function of M-clock frequencies and M multiplier that is being used: The fmax
parameter in the switching characteristic table includes details on the MCO frequency and choices of BSEL and
M.
block diagram
Frequency
Phase
Detector
VCO
Divide by M
M1 M2
M3 M4
M5
LVO
MCO+
MCO–
LCRO+
LCRO–
CRI+
CRI–
BSEL
EN
LCRO_EN
Ref.
Gen.
VT


Similar Part No. - SN65LVDS150PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS150PWR TI1-SN65LVDS150PWR Datasheet
378Kb / 18P
[Old version datasheet]   MuxIt PLL FREQUENCY MULTIPLIER
SN65LVDS150PWRG4 TI1-SN65LVDS150PWRG4 Datasheet
378Kb / 18P
[Old version datasheet]   MuxIt PLL FREQUENCY MULTIPLIER
More results

Similar Description - SN65LVDS150PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS150 TI1-SN65LVDS150_09 Datasheet
378Kb / 18P
[Old version datasheet]   MuxIt PLL FREQUENCY MULTIPLIER
logo
Connor-Winfield Corpora...
GV93-520 CONNOR-WINFIELD-GV93-520 Datasheet
124Kb / 2P
   SM PECL PLL FREQUENCY MULTIPLIER
GA91-520 CONNOR-WINFIELD-GA91-520 Datasheet
125Kb / 2P
   SM ECL PLL FREQUENCY MULTIPLIER
GA01-520 CONNOR-WINFIELD-GA01-520 Datasheet
82Kb / 2P
   14 PIN DIP ECL PLL FREQUENCY MULTIPLIER
logo
Pericom Semiconductor C...
PI6C490086 PERICOM-PI6C490086 Datasheet
816Kb / 5P
   PLL Clock Multiplier
PI6C4512 PERICOM-PI6C4512 Datasheet
443Kb / 4P
   PLL Clock Multiplier
PI6C4511 PERICOM-PI6C4511 Datasheet
492Kb / 5P
   PLL Clock Multiplier
logo
Integrated Device Techn...
ICS512 IDT-ICS512 Datasheet
190Kb / 7P
   PLL CLOCK MULTIPLIER
logo
Pericom Semiconductor C...
PT7C4502 PERICOM-PT7C4502 Datasheet
241Kb / 6P
   PLL Clock Multiplier
PT7C4511 PERICOM-PT7C4511 Datasheet
326Kb / 5P
   PLL Clock Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com