Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V3548S133BQ Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT71V3548S133BQ
Description  256K x 18 3.3V Synchronous ZBT SRAM 3.3V I/O, Burst Counter Pipelined Outputs
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V3548S133BQ Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT71V3548S133BQ Datasheet HTML 7Page - Integrated Device Technology IDT71V3548S133BQ Datasheet HTML 8Page - Integrated Device Technology IDT71V3548S133BQ Datasheet HTML 9Page - Integrated Device Technology IDT71V3548S133BQ Datasheet HTML 10Page - Integrated Device Technology IDT71V3548S133BQ Datasheet HTML 11Page - Integrated Device Technology IDT71V3548S133BQ Datasheet HTML 12Page - Integrated Device Technology IDT71V3548S133BQ Datasheet HTML 13Page - Integrated Device Technology IDT71V3548S133BQ Datasheet HTML 14Page - Integrated Device Technology IDT71V3548S133BQ Datasheet HTML 15Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
6.42
IDT71V3548, 256K x 18, 3.3V Synchronous SRAMS with
ZBT
™ Feature, 3.3V I/O, Burst Counter, and Pipelined Outputs
Commercial and Industrial Temperature Ranges
11
Read Operation with Clock Enable Used (1)
Write Operation with Clock Enable Used (1)
NOTES:
1. H = High; L = Low; X = Don’t Care; Z = High Impedance.
2.
CE = L is defined as CE1 = L, CE2 = L and CE2 = H. CE = H is defined as CE1 = H, CE2 = H or CE2 = L.
NOTES:
1. H = High; L = Low; X = Don’t Care; Z = High Impedance.
2.
CE = L is defined as CE1 = L, CE2 = L and CE2 = H. CE = H is defined as CE1 = H, CE2 = H or CE2 = L.
Cycle
Address
R/
W
ADV/
LD
CE(2)
CEN
BWx
OE
I/O
Comments
nA0
H
L
L
L
X
X
X
Address and Control meet setup
n+1
X
X
X
X
H
X
X
X
Clock n+1 Ignored
n+2
A1
H
L
L
L
X
X
X
Clock Valid
n+3
X
X
X
X
H
X
L
Q0
Clock Ignored. Data Q0 is on the bus.
n+4
X
X
X
X
H
X
L
Q0
Clock Ignored. Data Q0 is on the bus.
n+5
A2
HL
L
L
X
L
Q0
Address A0 Read out (bus trans.)
n+6
A3
HL
L
L
X
L
Q1
Address A1 Read out (bus trans.)
n+7
A4
HL
L
L
X
L
Q2
Address A2 Read out (bus trans.)
5296 tbl 17
Cycle
Address
R/
W
ADV/
LD
CE(2)
CEN
BWx
OE
I/O
Comments
nA0
L
L
L
L
L
X
X
Address and Control meet setup.
n+1
X
X
X
X
H
X
X
X
Clock n+1 Ignored.
n+2
A1
L
L
LLL
X
X
Clock Valid.
n+3
X
X
X
X
H
X
X
X
Clock Ignored.
n+4
X
X
X
X
H
X
X
X
Clock Ignored.
n+5
A2
L
L
LLL
X
D0
Write Data D0
n+6
A3
L
L
LLL
X
D1
Write Data D1
n+7
A4
L
L
LLL
X
D2
Write Data D2
5296 tbl 18


Similar Part No. - IDT71V3548S133BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V3556S IDT-IDT71V3556S Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V3556SA IDT-IDT71V3556SA Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V3556S IDT-IDT71V3556S_15 Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
IDT71V3556XS IDT-IDT71V3556XS Datasheet
489Kb / 25P
   3.3V Synchronous ZBT SRAMs
More results

Similar Description - IDT71V3548S133BQ

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
71V3558S200PFG IDT-71V3558S200PFG Datasheet
643Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
IDT71V3556S IDT-IDT71V3556S Datasheet
1,010Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V3556S RENESAS-71V3556S Datasheet
337Kb / 29P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter Pipelined Outputs
Aug.06.21
71V65603 RENESAS-71V65603 Datasheet
313Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs ZBT™ Feature 3.3V I/O, Burst Counter Pipelined Outputs
Nov.12. 21
logo
Integrated Device Techn...
IDT71V2546S IDT-IDT71V2546S Datasheet
1,004Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V65602 IDT-IDT71V65602 Datasheet
970Kb / 26P
   256K x 36, 512K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
IDT71V2556S IDT-IDT71V2556S Datasheet
1,019Kb / 28P
   128K x 36, 256K x 18 3.3V Synchronous ZBT SRAMs 2.5V I/O, Burst Counter Pipelined Outputs
logo
Renesas Technology Corp
71V2546S RENESAS-71V2546S Datasheet
279Kb / 22P
   128K x 36 3.3V Synchronous ZBT™ SRAM 2.5V I/O, Burst Counter Pipelined Outputs
Aug.12.20
logo
Integrated Device Techn...
IDT71V3557S IDT-IDT71V3557S Datasheet
996Kb / 28P
   128K x 36, 256K x 18, 3.3V Synchronous ZBT SRAMs 3.3V I/O, Burst Counter, Flow-Through Outputs
logo
Renesas Technology Corp
71V65703 RENESAS-71V65703 Datasheet
311Kb / 27P
   256K x 36, 512K x 18 3.3V Synchronous ZBT™ SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs
Oct.18.21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com