Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2908IDDB-B1 Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # LTC2908IDDB-B1
Description  Precision Six Supply Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC2908IDDB-B1 Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button LTC2908IDDB-B1 Datasheet HTML 7Page - Linear Integrated Systems LTC2908IDDB-B1 Datasheet HTML 8Page - Linear Integrated Systems LTC2908IDDB-B1 Datasheet HTML 9Page - Linear Integrated Systems LTC2908IDDB-B1 Datasheet HTML 10Page - Linear Integrated Systems LTC2908IDDB-B1 Datasheet HTML 11Page - Linear Integrated Systems LTC2908IDDB-B1 Datasheet HTML 12Page - Linear Integrated Systems LTC2908IDDB-B1 Datasheet HTML 13Page - Linear Integrated Systems LTC2908IDDB-B1 Datasheet HTML 14Page - Linear Integrated Systems LTC2908IDDB-B1 Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
LTC2908
sn2908 2908fs
APPLICATIO S I FOR ATIO
RST Output Characteristics
The DC characteristics of the RST pull-up and pull-down
strength are shown in the Typical Performance Character-
istics section. The RST output has a weak internal pull-up
to VCC = Max(V1, V2) and a strong pull-down to ground.
The weak pull-up and strong pull-down arrangement
allows this pin to have open-drain behavior while possess-
ing several other beneficial characteristics.
The weak pull-up eliminates the need for external pull-up
resistors when the rise time on these pins is not critical. On
the other hand, the open-drain RST configuration allows
for wired-OR connections and can be useful when more
than one signal needs to pull down on the RST line.
As noted in the discussion of power-up and power-down,
the circuits that drive RST are powered by VCC. During
fault condition, VCC of at least 0.5V guarantees a maxi-
mum VOL = 0.15V at RST.
Output Rise and Fall Time Estimation
The following formula estimates the output fall time (90%
to 10%) for a particular external load capacitance (CLOAD):
tFALL ≈ 2.2 • RPD • CLOAD
where RPD is the on-resistance of the internal pull-down
transistor estimated to be typically 40Ω at room tempera-
ture (25°C) and CLOAD is the external load capacitance on
the pin. Assuming a 150pF load capacitance, the fall time
is about 13ns.
The rise time on the RST pin is limited by a weak internal
pull-up current source to VCC. The following formula esti-
mates the output rise time (10% to 90%) at the RST pin:
tRISE ≈ 2.2 • RPU • CLOAD
where RPU is the on-resistance of the pull-up transistor.
Notice that this pull-up transistor is modeled as a 6µA
current source in the Block Diagram as a typical
representation.
The on-resistance as a function of the VCC = Max(V1, V2)
voltage (for VCC > 1V) at room temperature is estimated as
follows:
R
MAX V V
V
PU =
()
610
12
1
5
,–
At VCC = 3.3V, RPU is about 260k. Using 150pF for load
capacitance, the rise time is 86µs. A smaller external pull-
up resistor may be used if the output needs to pull up faster
and/or to a higher voltage. For example, the rise time
reduces to 3.3µs for a 150pF load capacitance when using
a 10k pull-up resistor.


Similar Part No. - LTC2908IDDB-B1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2908IDDB-B1-TRMPBF LINER-LTC2908IDDB-B1-TRMPBF Datasheet
205Kb / 16P
   Precision Six Input Supply Monitor
More results

Similar Description - LTC2908IDDB-B1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2908 LINER-LTC2908_15 Datasheet
234Kb / 18P
   Precision Six Input Supply Monitor
LTC2908 LINER-LTC2908 Datasheet
205Kb / 16P
   Precision Six Input Supply Monitor
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
   Precision supply-voltage monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Summit Microelectronics...
SMS64 SUMMIT-SMS64 Datasheet
658Kb / 24P
   Six-Channel Supply Monitor and Sequencing Controller
logo
Texas Instruments
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
UC1904 TI1-UC1904_08 Datasheet
335Kb / 7P
[Old version datasheet]   Precision Quad Supply and Line Monitor
logo
Linear Technology
LTC2932 LINER-LTC2932_15 Datasheet
245Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com