Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2908CDDB-B1 Datasheet(PDF) 8 Page - Linear Integrated Systems

Part # LTC2908CDDB-B1
Description  Precision Six Supply Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC2908CDDB-B1 Datasheet(HTML) 8 Page - Linear Integrated Systems

Back Button LTC2908CDDB-B1 Datasheet HTML 4Page - Linear Integrated Systems LTC2908CDDB-B1 Datasheet HTML 5Page - Linear Integrated Systems LTC2908CDDB-B1 Datasheet HTML 6Page - Linear Integrated Systems LTC2908CDDB-B1 Datasheet HTML 7Page - Linear Integrated Systems LTC2908CDDB-B1 Datasheet HTML 8Page - Linear Integrated Systems LTC2908CDDB-B1 Datasheet HTML 9Page - Linear Integrated Systems LTC2908CDDB-B1 Datasheet HTML 10Page - Linear Integrated Systems LTC2908CDDB-B1 Datasheet HTML 11Page - Linear Integrated Systems LTC2908CDDB-B1 Datasheet HTML 12Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
LTC2908
sn2908 2908fs
APPLICATIO S I FOR ATIO
Supply Monitoring
The LTC2908 is a low power, high accuracy, six input
supply monitoring circuit with two adjustable inputs. The
reset delay is set to a nominal of 200ms with an internal
capacitor, eliminating the need for an external timing
capacitor.
All input voltages must be above predetermined thresh-
olds for the reset not to be invoked. The LTC2908 asserts
the reset output during power-up, power-down and brown-
out conditions on any one of the voltage inputs.
Ultralow Voltage Pull-Down on RST
The LTC2908 issues a logic low on the RST output when
any one of the inputs falls below its threshold. Ideally, the
RST logic output would remain low with the input supply
voltage down to zero volts. Most supervisors lack pull-
down capability below 1V.
The LTC2908 power supply supervisor incorporates a
novel low voltage pull-down circuit that can hold the RST
line low with as little as 200mV of input supply voltage on
V1 and/or V2 (see Figures 1 and 2). The pull-down circuit
helps maintain a low impedance path to ground, reducing
the risk of the RST node from floating to an indeterminate
voltage.
Such an indeterminate voltage may trigger external logic
causing erroneous reset operation(s). Furthermore, a
mid-scale voltage level could cause external circuits to
operate in the middle of their voltage transfer character-
istic, consuming more quiescent current than normal.
These conditions could cause serious system reliability
problems.
Power-Up
During power-up, RST starts asserting low as soon as
there is at least 200mV on V1 and/or V2. The RST pull-
down capability is a function of V1 and V2 as shown in the
Typical Performance Characteristics.
The greater of V1, V2 is the internal supply voltage (VCC)
that powers the other internal circuitry. Once all the VX
inputs rise above their thresholds, an internal timer is
started. After the internal timer counts a 200ms delay time,
RST weakly pulls high to VCC.
Power-Down
On power-down, once any of the VX inputs drop below
their threshold, RST asserts logic low. VCC of at least 0.5V
guarantees a logic low of 0.15V at RST.
SUPPLY VOLTAGE, VCC (V)
0.01
0.1
1
10
0
0.4
0.6
0.8
0.001
0.2
1
2908 G16
VCC = V1 = V2
V3 = V4 = VADJ1 = VADJ2 = GND
RST AT 150mV
RST AT 50mV
SUPPLY VOLTAGE, VCC (V)
0.01
0.1
1
10
0
0.4
0.6
0.8
0.001
0.2
1
2908 G17
VCC = V1
V2 = V3 = V4 = VADJ1 = VADJ2 = GND
RST AT 150mV
RST AT 50mV
Figure 1. RST Pull-Down Current (IRST) vs
Supply Voltage (VCC) with Dual Channel Supply
Figure 2. RST Pull-Down Current (IRST) vs
Supply Voltage (VCC) with Single Channel Supply


Similar Part No. - LTC2908CDDB-B1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2908CDDB-B1-TRMPBF LINER-LTC2908CDDB-B1-TRMPBF Datasheet
205Kb / 16P
   Precision Six Input Supply Monitor
More results

Similar Description - LTC2908CDDB-B1

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2908 LINER-LTC2908_15 Datasheet
234Kb / 18P
   Precision Six Input Supply Monitor
LTC2908 LINER-LTC2908 Datasheet
205Kb / 16P
   Precision Six Input Supply Monitor
logo
Advanced Monolithic Sys...
AMS803 AMS-AMS803 Datasheet
416Kb / 8P
   Precision supply-voltage monitor
logo
Pericom Semiconductor C...
PT7M7809 PERICOM-PT7M7809 Datasheet
485Kb / 12P
   Precision supply-voltage monitor
logo
Shenzhen Huazhimei Semi...
HM811 HMSEMI-HM811 Datasheet
325Kb / 5P
   Precision supply-voltage monitor
logo
List of Unclassifed Man...
PT7M7811 ETC2-PT7M7811 Datasheet
650Kb / 13P
   Precision supply-voltage monitor
logo
Summit Microelectronics...
SMS64 SUMMIT-SMS64 Datasheet
658Kb / 24P
   Six-Channel Supply Monitor and Sequencing Controller
logo
Texas Instruments
UC1904 TI-UC1904 Datasheet
308Kb / 6P
[Old version datasheet]   Precision Quad Supply and Line Monitor
UC1904 TI1-UC1904_08 Datasheet
335Kb / 7P
[Old version datasheet]   Precision Quad Supply and Line Monitor
logo
Linear Technology
LTC2932 LINER-LTC2932_15 Datasheet
245Kb / 16P
   Confi gurable Six Supply Monitor with Adjustable Reset Timer and Supply Tolerance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com