Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS32XV245Q2 Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDTQS32XV245Q2
Description  QUICKSWITCH-R PRODUCTS 3.3V HIGH SPEED DOUBLE - DOUBLEWIDTH
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS32XV245Q2 Datasheet(HTML) 5 Page - Integrated Device Technology

  IDTQS32XV245Q2 Datasheet HTML 1Page - Integrated Device Technology IDTQS32XV245Q2 Datasheet HTML 2Page - Integrated Device Technology IDTQS32XV245Q2 Datasheet HTML 3Page - Integrated Device Technology IDTQS32XV245Q2 Datasheet HTML 4Page - Integrated Device Technology IDTQS32XV245Q2 Datasheet HTML 5Page - Integrated Device Technology IDTQS32XV245Q2 Datasheet HTML 6Page - Integrated Device Technology IDTQS32XV245Q2 Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
IDTQS32XV245
3.3V HIGH SPEED DOUBLE-WIDTH BUS SWITCH
INDUSTRIALTEMPERATURERANGE
250
200
150
100
50
0
0
0.5
1
1.5
2
V OU T ( V o lts )
-250
-200
-1 5 0
-100
-5 0
1
23
4
V OU T (V o lts )
-3 0 0
OUTPUT VI CHARACTERISTICS
Outputs Low Characteristic
Outputs High Characteristic
3
2.5
2
1.5
2.2
2.4
2.7
3
3.3
3.6
VCC (V)
VOUT = 2.5V @ VCC = 3.3V
VOUT = 1.8V @ VCC = 2.5V
PASS VOLTAGE vs VCC


Similar Part No. - IDTQS32XV245Q2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32XVH2245 IDT-IDTQS32XVH2245 Datasheet
76Kb / 8P
   QUICKSWITCH 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH2245 IDT-IDTQS32XVH2245 Datasheet
268Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS32XVH2245 RENESAS-IDTQS32XVH2245 Datasheet
439Kb / 9P
   QUICKSWITCH® PRODUCTS 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
JUNE 2011
logo
Integrated Device Techn...
IDTQS32XVH2245Q2 IDT-IDTQS32XVH2245Q2 Datasheet
76Kb / 8P
   QUICKSWITCH 2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
IDTQS32XVH2245 IDT-IDTQS32XVH2245_11 Datasheet
268Kb / 8P
   2.5V / 3.3V 16-BIT HIGH BANDWIDTH BUS SWITCH
More results

Similar Description - IDTQS32XV245Q2

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQ3V245 IDT-IDTQ3V245 Datasheet
55Kb / 7P
   QUICKSWITCH PRODUCTS 3.3V HIGH SPEED BUS SWITCH
IDTQS32X245 IDT-IDTQS32X245 Datasheet
44Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32X2245 IDT-IDTQS32X2245 Datasheet
52Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32X245 IDT-IDTQS32X245 Datasheet
44Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS32X245 RENESAS-IDTQS32X245 Datasheet
377Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
FEBRUARY 2011
IDTQS32X2245 RENESAS-IDTQS32X2245 Datasheet
389Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
FEBRUARY 2011
logo
Integrated Device Techn...
IDTQS34X245 IDT-IDTQS34X245_12 Datasheet
225Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS
IDQS34X245 IDT-IDQS34X245 Datasheet
53Kb / 5P
   QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH-TM BUS SWITCHES
IDTQS3390 IDT-IDTQS3390_14 Datasheet
82Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
IDTQS32390 IDT-IDTQS32390 Datasheet
45Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 16:8 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com