Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IC61LV25616 Datasheet(PDF) 3 Page - Integrated Circuit Solution Inc

Part No. IC61LV25616
Description  256K x 16 HIGH SPEED ASYNCHRONOUS CMOS STATIC RAM WITH 3.3V SUPPLY
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ICSI [Integrated Circuit Solution Inc]
Homepage  http://www.icsi.com.tw
Logo ICSI - Integrated Circuit Solution Inc

IC61LV25616 Datasheet(HTML) 3 Page - Integrated Circuit Solution Inc

  IC61LV25616 Datasheet HTML 1Page - Integrated Circuit Solution Inc IC61LV25616 Datasheet HTML 2Page - Integrated Circuit Solution Inc IC61LV25616 Datasheet HTML 3Page - Integrated Circuit Solution Inc IC61LV25616 Datasheet HTML 4Page - Integrated Circuit Solution Inc IC61LV25616 Datasheet HTML 5Page - Integrated Circuit Solution Inc IC61LV25616 Datasheet HTML 6Page - Integrated Circuit Solution Inc IC61LV25616 Datasheet HTML 7Page - Integrated Circuit Solution Inc IC61LV25616 Datasheet HTML 8Page - Integrated Circuit Solution Inc IC61LV25616 Datasheet HTML 9Page - Integrated Circuit Solution Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
IC61LV25616
Integrated Circuit Solution Inc.
3
AHSR022-0A
09/11/2001
1
2
3
4
5
6
7
8
9
10
11
12
PIN DESCRIPTIONS
A0-A17
Address Inputs
I/O0-I/O15
Data Inputs/Outputs
CE
Chip Enable Input
OE
Output Enable Input
WE
Write Enable Input
TRUTH TABLE
I/O PIN
Mode
WE
WE
WE
WE
WE
CE
CE
CE
CE
CE
OE
OE
OE
OE
OE
LB
LB
LB
LB
LB
UB
UB
UB
UB
UB
I/O0-I/O7
I/O8-I/O15
Vcc Current
Not Selected
X
H
X
X
X
High-Z
High-Z
ISB1, ISB2
Output Disabled
H
L
H
X
X
High-Z
High-Z
ICC
X
L
X
H
H
High-Z
High-Z
Read
H
L
L
L
H
DOUT
High-Z
ICC
H
L
L
H
L
High-Z
DOUT
H
LLLL
DOUT
DOUT
Write
L
L
X
L
H
DIN
High-Z
ICC
L
L
X
H
L
High-Z
DIN
LL
X
L
L
DIN
DIN
LB
Lower-byte Control (I/O0-I/O7)
UB
Upper-byte Control (I/O8-I/O15)
NC
No Connection
Vcc
Power
GND
Ground
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
A0
A1
A2
A3
A4
CE
I/O0
I/O1
I/O2
I/O3
Vcc
GND
I/O4
I/O5
I/O6
I/O7
WE
A5
A6
A7
A8
A9
A17
A16
A15
OE
UB
LB
I/O15
I/O14
I/O13
I/O12
GND
Vcc
I/O11
I/O10
I/O9
I/O8
NC
A14
A13
A12
A11
A10
PIN CONFIGURATIONS
44-Pin TSOP-2 and SOJ
48-Pin TF-BGA
1
2
3
4
5
6
A
B
C
D
E
F
G
H
LB
OE
A0
A1
A2
N/C
I/O0
UB
A3
A4
CE
I/O8
I/O1
I/O2
A5
A6
I/O10
I/O9
GND
I/O3
A17
A7
I/O11
Vcc
Vcc
I/O4
NC
A16
I/O12
GND
I/O6
I/O5
A14
A15
I/O13
I/O14
I/O7
NC
A12
A13
WE
I/O15
NC
A8
A9
A10
A11
NC


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn