Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVLBG4C7 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OVLBG4C7
Description  Round Green Through-hole LEDLamp (3mm)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLBG4C7 Datasheet(HTML) 1 Page - OPTEK Technologies

  OVLBG4C7 Datasheet HTML 1Page - OPTEK Technologies OVLBG4C7 Datasheet HTML 2Page - OPTEK Technologies OVLBG4C7 Datasheet HTML 3Page - OPTEK Technologies OVLBG4C7 Datasheet HTML 4Page - OPTEK Technologies OVLBG4C7 Datasheet HTML 5Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Issue 1.0
0705
Page 1
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Round Green Through-hole LED
Lamp (3mm)
Product Photo Here
Part Number
Material
Emitted Color
Intensity Typ. mcd
OVLBG4C7
InGaN
Green
2000
Lens Color
Water Clear
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
RoHS
OVLBG4C7
x
High Brightness with Well-defined Spatial Radiation Patterns
x
UV-resistant Epoxy Lens
x
Green (525nm)
The OVLBG4C7 is a high-intensity InGaN LED mounted in a clear plastic T-1 package. Its UV-resistant epoxy lens
makes this device an optimal solution for outdoor applications. This LED provides a well-defined and even emis-
sion pattern.
Applications
x
Pedestrian Signals
x
Signage and Architectural Lighting
x
Backlighting
x
Automotive
x
Outdoor/Indoor Displays


Similar Part No. - OVLBG4C7

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLBG4C7 TTELEC-OVLBG4C7 Datasheet
215Kb / 9P
   Round Through-Hole LED Lamp
More results

Similar Description - OVLBG4C7

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL03L-WDW24 P-TEC-PL03L-WDW24 Datasheet
806Kb / 7P
   3mm Round Through-Hole LED
PL03Q-WDP03 P-TEC-PL03Q-WDP03_14 Datasheet
667Kb / 6P
   3mm Round Through-Hole LED
PL03Q-WDP03 P-TEC-PL03Q-WDP03 Datasheet
667Kb / 6P
   3mm Round Through-Hole LED
PL03L-WDW24 P-TEC-PL03L-WDW24_14 Datasheet
806Kb / 7P
   3mm Round Through-Hole LED
logo
OPTEK Technologies
OVLBR4C7 OPTEK-OVLBR4C7 Datasheet
1Mb / 5P
   Round Red Through-hole LED Lamp (3mm)
OVLBY4C7 OPTEK-OVLBY4C7 Datasheet
1Mb / 5P
   Round Yellow Through-hole LED Lamp (3mm)
OVLBB4C7 OPTEK-OVLBB4C7 Datasheet
1Mb / 5P
   Round Blue Through-hole LED Lamp (3mm)
logo
P-tec Corporation
PL03F-WCW24 P-TEC-PL03F-WCW24_14 Datasheet
1Mb / 6P
   3mm Round Thru-Hole LED
logo
OptoSupply Internationa...
OSG7NU3131A OPTOSUPPLY-OSG7NU3131A Datasheet
124Kb / 1P
   3mm Round Grass Green LED
OSG7NU3131A_VER.A.2 OPTOSUPPLY-OSG7NU3131A_VER.A.2 Datasheet
124Kb / 1P
   3mm round grass green led
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com