Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AV8550S Datasheet(PDF) 1 Page - Avic Technology

Part # AV8550S
Description  PNP EPITAXIAL SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

AV8550S Datasheet(HTML) 1 Page - Avic Technology

  AV8550S Datasheet HTML 1Page - Avic Technology AV8550S Datasheet HTML 2Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
@vic AV8550S
PNP EPITAXIAL SILICON TRANSISTOR
QW-R201-012,A
LOW VOLTAGE HIGH CURRENT
SMALL SIGNAL PNP
TRANSISTOR
FEATURES
*Collector current up to 700mA
*Collector-Emitter voltage up to 20 V
*Complimentary to 8050S
APPLICATIONS
*Class B push-pull audio amplifier
*General purpose applications
TO-92
1
1: EMITTER 2: COLLECTOR 3: BASE
ABSOLUTE MAXIMUM RATINGS ( Ta=25°C ,unless otherwise specified )
PARAMETERS
SYMBOL
RATING
UNITS
Collector-base voltage
VCBO
-30
V
Collector-emitter voltage
VCEO
-20
V
Emitter-base voltage
VEBO
-5
V
Collector dissipation(Ta=25
°C)
Pc
1
W
Collector current
Ic
-700
mA
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-65 ~ +150
°C
ELECTRICAL CHARACTERISTICS(Ta=25°C,unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
BVCBO
Ic=-100
µA,IE=0
-30
V
Collector-emitter breakdown voltage
BVCEO
Ic=-1mA,IB=0
-20
V
Emitter-base breakdown voltage
BVEBO
IE=-100
µA,Ic=0
-5
V
Collector cut-off current
ICBO
VCB=-30V,IE=0
-1
uA
Emitter cut-off current
IEBO
VEB=-5V,Ic=0
-100
nA
DC current gain(note)
hFE1
hFE2
hFE3
VCE=-1V,Ic=-1mA
VCE=-1V,Ic=-150 mA
VCE=-1V,Ic=-500mA
100
120
40
110
400
Collector-emitter saturation voltage
VCE(sat)
Ic=-500mA,IB=-50mA
-0.5
V
Base-emitter saturation voltage
VBE(sat)
Ic=500mA,IB=-50mA
-1.2
V
Base-emitter saturation voltage
VBE
VCE=-1V,Ic=-10mA
-1.0
V
Current gain bandwidth product
fT
VCE=-10V,Ic=-50mA
100
MHz
Output capacitance
Cob
VCB=10V,IE=0
f=1MHz
9.0
pF


Similar Part No. - AV8550S

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV8550 AVICTEK-AV8550 Datasheet
173Kb / 2P
   TO-92 Plastic-Encapsulate Transistors
More results

Similar Description - AV8550S

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com