Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG9262DQ Datasheet(PDF) 6 Page - Vishay Siliconix

Part # DG9262DQ
Description  Low-Voltage Dual SPST Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG9262DQ Datasheet(HTML) 6 Page - Vishay Siliconix

  DG9262DQ Datasheet HTML 1Page - Vishay Siliconix DG9262DQ Datasheet HTML 2Page - Vishay Siliconix DG9262DQ Datasheet HTML 3Page - Vishay Siliconix DG9262DQ Datasheet HTML 4Page - Vishay Siliconix DG9262DQ Datasheet HTML 5Page - Vishay Siliconix DG9262DQ Datasheet HTML 6Page - Vishay Siliconix DG9262DQ Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DG9262/9263
Vishay Siliconix
New Product
www.vishay.com
6
Document Number: 70862
S-05298—Rev. B, 17-Dec-01
TEST CIRCUITS
FIGURE 1. Switching Time
FIGURE 2. Break-Before-Make Interval
FIGURE 3. Charge Injection
CL (includes fixture and stray capacitance)
NO or NC
V1
NO or NC
Switc
h
Input
CL (includes fixture and stray capacitance)
V+
IN
NO or NC
CL
35 pF
COM
Logi
c
Input
RL
300
W
VOUT
GND
V+
50%
0 V
0 V
Logic
Input
Switch
Output
tON
tOFF
Logic “1” = Switch On
Logic input waveforms inverted for switches that have
the opposite logic sense.
Off
On
On
IN
DVOUT
VOUT
Q =
DVOUT x CL
CL
COM
Rgen
VOUT
NC or NO
3 V
IN
Vgen
GND
V+
V+
0 V
Switch Output
V
OUT + VCOM
R
L
R
L ) RON
+ 3 V
0.9 x VOUT
tr t
20 ns
tf t 20 ns
IN depends on switch configuration: input polarity
determined by sense of switch.
+
V2
0 V
3 V
0 V
Logic
Input
Switch
Output
VO
VNC = VNO
tr <5 ns
tf <5 ns
90%
tD
tD
COM1
V+
GND
V+
CL
35 pF
RL
300
W
COM2


Similar Part No. - DG9262DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG9262DQ-T1-E3 VISHAY-DG9262DQ-T1-E3 Datasheet
111Kb / 8P
   Low-Voltage Dual SPST Analog Switch
Rev. C, 14-May-07
DG9262DQ-T1-E3 VISHAY-DG9262DQ-T1-E3 Datasheet
274Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. D, 20-Jun-11
DG9262DQ-T1-E3 VISHAY-DG9262DQ-T1-E3 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results

Similar Description - DG9262DQ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG2003 VISHAY-DG2003 Datasheet
62Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 17-Dec-01
DG2003 VISHAY-DG2003_V01 Datasheet
74Kb / 8P
   Low-Voltage Dual SPST Analog Switch
18-Jul-08
DG9262 VISHAY-DG9262_11 Datasheet
274Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. D, 20-Jun-11
DG9232 VISHAY-DG9232_11 Datasheet
282Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. F, 23-May-11
DG9263 VISHAY-DG9263_V01 Datasheet
209Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9434 VISHAY-DG9434_V01 Datasheet
180Kb / 12P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
DG9432 VISHAY-DG9432 Datasheet
102Kb / 10P
   Low-Voltage Dual SPST Analog Switch
Rev. A, 01-Aug-03
DG9232 VISHAY-DG9232 Datasheet
54Kb / 7P
   Low-Voltage Dual SPST Analog Switch
Rev. E, 14-May-07
DG9432 VISHAY-DG9432_11 Datasheet
176Kb / 12P
   Low-Voltage Dual SPST Analog Switch
Rev. B, 23-May-11
DG9233 VISHAY-DG9233_V01 Datasheet
216Kb / 11P
   Low-Voltage Dual SPST Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com