Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA2ZD02 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part No. MA2ZD02
Description  Silicon epitaxial planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2ZD02 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  MA2ZD02 Datasheet HTML 1Page - Panasonic Semiconductor MA2ZD02 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Schottky Barrier Diodes (SBD)
2
MA2ZD02
IF  VF
IR  VR
VF  Ta
IR  Ta
IF(surge)  tW
Ct  VR
10−2
0
0.1
0.2
0.3
0.4
0.5
0.6
10−1
1
10
102
103
Forward voltage V
F
(V)
Ta
= 125°C
75
°C
25
°C
− 20°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
−40
0
40
80
120
160
200
Ambient temperature T
a
(
°C)
IF
= 500 mA
50 mA
5 mA
10−1
0
5
10
15
20
25
30
1
10
102
103
104
Reverse voltage V
R
(V)
Ta
= 125°C
75
°C
25
°C
10−1
−40
0
40
80
120
160
200
1
10
102
103
104
Ambient temperature T
a
(
°C)
VR
= 20 V
10 V
6 V
3 V
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
Reverse voltage V
R
(V)
Ta
= 25°C
0.1
0.1
1
10
100
0.3
3
30
300
1 000
0.3
3
30
100
10
1
Pulse width t
W
(ms)
tW
IF(surge)
Ta
= 25°C
Breakdown point (typ.)


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MA2Z001 Silicon epitaxial planar type For switching circuits 1  2  Panasonic Semiconductor
2SA2118 Power Transistors Silicon PNP epitaxial planar type 1  2  3  Panasonic Semiconductor
XP01211 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
MA26V05 Silicon epitaxial planar type 1  2  3  Panasonic Semiconductor
2SB1253 Silicon PNP epitaxial planar type Darlington For power amplification 1  2  3  Panasonic Semiconductor
2SD1752 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
MA2C196 Silicon epitaxial planar type 1  2  Panasonic Semiconductor
MA2YD21 Silicon epitaxial planar type 1  2  3  Panasonic Semiconductor
MA2S376 Silicon epitaxial planar type 1  2  Panasonic Semiconductor
MA2X338 Silicon epitaxial planar type 1  2  Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn