Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA2ZD02 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part No. MA2ZD02
Description  Silicon epitaxial planar type
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MA2ZD02 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  MA2ZD02 Datasheet HTML 1Page - Panasonic Semiconductor MA2ZD02 Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Schottky Barrier Diodes (SBD)
MA2ZD02
Silicon epitaxial planar type
For high-frequency rectification
I Features
• Mini package (S-mini type 2-pin)
• Reverse current (DC value) V
R is low
I Absolute Maximum Ratings T
a = 25°C
Unit : mm
Parameter
Symbol
Rating
Unit
Reverse voltage (DC)
VR
20
V
Repetitive peak reverse voltage
VRRM
20
V
Average forward current
IF(AV)
500
mA
Non-repetitive peak forward
IFSM
3A
surge current*
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Note) * : The peak-to-peak value in one cycle of 50 Hz sine-wave (non-
repetitive)
Internal Connection
Marking Symbol: 2H
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Reverse current (DC)
IR1
VR = 5 V
1
µA
IR2
VR = 10 V
10
µA
Forward voltage (DC)
VF1
IF = 10 mA
0.3
0.4
V
VF2
IF = 500 mA
0.5
0.55
V
Terminal capacitance
Ct
VR = 0 V, f = 1 MHz
60
pF
Reverse recovery time*
trr
IF = IR = 100 mA
5
ns
Irr = 0.1 · IR, RL = 100 Ω
I Electrical Characteristics T
a = 25°C
Note) 1. Schottky barrier diode is sensitive to electric shock (static electricity, etc.). Due attention must be paid on the charge of a
human body and the leakage of current from the operating equipment
2. Rated input/output frequency: 1 000 MHz
3. * : trr measuring instrument
1 : Anode
2 : Cathode
S-Mini Type Package (2-pin)
Bias Application Unit N-50BU
90%
Pulse Generator
(PG-10N)
R
s = 50 Ω
W.F.Analyzer
(SAS-8130)
R
i = 50 Ω
t
p = 2 µs
t
r = 0.35 ns
δ = 0.05
I
F = 100 mA
I
R = 100 mA
R
L = 100 Ω
10%
Input Pulse
Output Pulse
I
rr = 0.1 · IR
t
r
t
p
t
rr
V
R
I
F
t
t
A
1
2
KA
2.5
± 0.2
1.7
± 0.1
0.4
± 0.1
0.4
± 0.1
21


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
MA2Z001 Silicon epitaxial planar type For switching circuits 1  2  Panasonic Semiconductor
2SA2118 Power Transistors Silicon PNP epitaxial planar type 1  2  3  Panasonic Semiconductor
XP01211 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
MA26V05 Silicon epitaxial planar type 1  2  3  Panasonic Semiconductor
2SB1253 Silicon PNP epitaxial planar type Darlington For power amplification 1  2  3  Panasonic Semiconductor
2SD1752 Silicon NPN epitaxial planar type 1  2  3  Panasonic Semiconductor
MA2C196 Silicon epitaxial planar type 1  2  Panasonic Semiconductor
MA2YD21 Silicon epitaxial planar type 1  2  3  Panasonic Semiconductor
MA2S376 Silicon epitaxial planar type 1  2  Panasonic Semiconductor
MA2X338 Silicon epitaxial planar type 1  2  Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn