Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VT10202C Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VT10202C
Description  Dual High Voltage Trench MOS Barrier Schottky Rectifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT10202C Datasheet(HTML) 4 Page - Vishay Siliconix

  VT10202C Datasheet HTML 1Page - Vishay Siliconix VT10202C Datasheet HTML 2Page - Vishay Siliconix VT10202C Datasheet HTML 3Page - Vishay Siliconix VT10202C Datasheet HTML 4Page - Vishay Siliconix VT10202C Datasheet HTML 5Page - Vishay Siliconix VT10202C Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
VT10202C, VFT10202C, VBT10202C, VIT10202C
www.vishay.com
Vishay General Semiconductor
Revision: 12-Jan-17
4
Document Number: 87796
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
TO-220AB
0.113 (2.87)
0.103 (2.62)
0.415 (10.54)
0.380 (9.65)
0.635 (16.13)
0.625 (15.87)
PIN
0.160 (4.06)
0.140 (3.56)
0.057 (1.45)
0.045 (1.14)
0.104 (2.65)
0.096 (2.45)
0.205 (5.20)
0.195 (4.95)
0.035 (0.90)
0.028 (0.70)
0.161 (4.08)
0.139 (3.53)
1
3
2
0.185 (4.70)
0.175 (4.44)
0.055 (1.39)
0.045 (1.14)
0.350 (8.89)
0.330 (8.38)
1.148 (29.16)
1.118 (28.40)
0.560 (14.22)
0.530 (13.46)
0.022 (0.56)
0.014 (0.36)
0.110 (2.79)
0.100 (2.54)
0.603 (15.32)
0.573 (14.55)
ITO-220AB
0.076 (1.93) REF.
45° REF.
PIN
3
2
1
0.404 (10.26)
0.384 (9.75)
0.076 (1.93) REF.
0.600 (15.24)
0.580 (14.73)
0.560 (14.22)
0.530 (13.46)
0.057 (1.45)
0.045 (1.14)
0.191 (4.85)
0.171 (4.35)
0.671 (17.04)
0.651 (16.54)
0.035 (0.89)
0.025 (0.64)
0.205 (5.21)
0.195 (4.95)
0.025 (0.64)
0.015 (0.38)
0.105 (2.67)
0.095 (2.41)
0.057 (1.45)
0.045 (1.14)
0.028 (0.71)
0.020 (0.51)
0.110 (2.79)
0.100 (2.54)
7° REF.
0.135 (3.43) DIA.
0.122 (3.08) DIA.
0.110 (2.79)
0.100 (2.54)
0.190 (4.83)
0.170 (4.32)
7° REF.
7° REF.
0.140 (3.56) DIA.
0.125 (3.17) DIA.
0.350 (8.89)
0.330 (8.38)


Similar Part No. - VT10202C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VT10202C VISHAY-VT10202C Datasheet
159Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.58 V at IF = 2.5 A
Revision: 12-Jan-17
VT10202C-M3 VISHAY-VT10202C-M3 Datasheet
149Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Apr-14
VT10202C-M3/4W VISHAY-VT10202C-M3/4W Datasheet
159Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.58 V at IF = 2.5 A
Revision: 12-Jan-17
VT10202C-M3 VISHAY-VT10202C-M3_15 Datasheet
138Kb / 5P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Apr-14
More results

Similar Description - VT10202C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
V30202C VISHAY-V30202C Datasheet
166Kb / 6P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier
Revision: 31-Oct-14
V20200G VISHAY-V20200G_15 Datasheet
157Kb / 5P
   Dual High Voltage Trench MOS Barrier Schottky Rectifier Ultra Low VF = 0.62 V at IF = 5 A
Revision: 16-Aug-13
V60170PW VISHAY-V60170PW Datasheet
92Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 20-Nov-12
V40100K VISHAY-V40100K_15 Datasheet
132Kb / 4P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 17-Aug-15
V10D202C VISHAY-V10D202C Datasheet
105Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 10-Feb-15
V30150C VISHAY-V30150C_12 Datasheet
169Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V30200C VISHAY-V30200C_09 Datasheet
160Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
V40100C VISHAY-V40100C_11 Datasheet
140Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V40100G VISHAY-V40100G_11 Datasheet
131Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
V40150C VISHAY-V40150C_09 Datasheet
162Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 24-Jun-09
VT3060C VISHAY-VT3060C Datasheet
131Kb / 5P
   Dual High-Voltage Trench MOS Barrier Schottky Rectifier
Revision: 23-Mar-11
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com