Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EK04 Datasheet(PDF) 4 Page - Cirrus Logic

Part # EK04
Description  EVALUATION KIT FOR PA04 PIN-OUT
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

EK04 Datasheet(HTML) 4 Page - Cirrus Logic

  EK04 Datasheet HTML 1Page - Cirrus Logic EK04 Datasheet HTML 2Page - Cirrus Logic EK04 Datasheet HTML 3Page - Cirrus Logic EK04 Datasheet HTML 4Page - Cirrus Logic EK04 Datasheet HTML 5Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
APEX MICROTECHNOLOGY CORPORATION • 5980 NORTH SHANNON ROAD • TUCSON, ARIZONA 85741 • USA • APPLICATIONS HOTLINE: 1 (800) 546-2739
4
EK04
EVALUATION KIT
FOR PA04 PIN-OUT
HS11 HEATSINK NOTE
The HS11 Heatsink is overkill for the average application. Once maximum power dissipation for the application is determined
(refer to “General Operating Considerations” and Application Note 11 in the APEX DATABOOK), the final mechanical design will
probably require substantially less heatsinking.
APEXMICROTECHNOLOGYmakesnorepresentationthattheuseorinterconnectionofthecircuitsdescribedhereinwillnotinfringe
on existing or future patent rights, nor do the descriptions contained herein imply the granting of licenses to make, use, or sell equip–
ment constructed in accordance therewith.
TYPICAL APPLICATION
The PA04 is well suited for wideband, low distortion, high
power applications. The circuit in Figure 4 displays the simplicity
of use offered by the PA04. The circuit is in an inverting gain of
10. This relatively low gain allows the amplifier to have more
than adequate loop gain available, resulting in extremely low
distortion at the power levels delivered. The use of the invert-
ing configuration avoids any concern of common mode effects.
Typical specs of such a circuit would read as follows:
Po = 200W
F = 10kHz
R
L = 4 Ohms
THD = .0061
FIGURE 4.
��
��
��
��
���
��
��
��
��
��
���
���
��
���
���
���
���
���
���
���
���
��
���
��
���
���
���
��
��
��
��
���
OPTIONAL V BOOST
One of many inexpensive ways to acquire V boost for the
PA04 has been included as an option on this evaluation kit.
The addition of these parts not only increases swing, but also
extends the common mode range of the amplifier. The ground
connection of J3 needs to be made when assembled.
FIGURE 5.
���
��
��
��
��
��
���������������
�������
���
������
��
���
��
��
��
��
��
���
���
���
���
���
���
������
��
��
��
���
���
���
���
��
��
���
���
���
���
����
��
���
������
���
����
�����������������������
���
���
��
��
��
��
��
��
��
��������
��
��������
��
�����
�����
��������
��


Similar Part No. - EK04

ManufacturerPart #DatasheetDescription
logo
Sanken electric
EK04 SANKEN-EK04 Datasheet
43Kb / 2P
   Schottky Barrier Diodes
EK04 SANKEN-EK04 Datasheet
85Kb / 3P
   Schottky Barrier Diodes
More results

Similar Description - EK04

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
EK03 APEX-EK03 Datasheet
223Kb / 4P
   EVALUATION KIT FOR SA03 PIN-OUT
EK07 APEX-EK07 Datasheet
491Kb / 4P
   EVALUATION KIT FOR SA07 PIN-OUT
EK19 APEX-EK19 Datasheet
161Kb / 2P
   EVALUATION KIT FOR SA07 PIN-OUT
EK21 APEX-EK21 Datasheet
215Kb / 4P
   EVALUATION KIT FOR SA07 PIN-OUT
EK60 APEX-EK60 Datasheet
412Kb / 3P
   EVALUATION KIT FOR PA78 PIN-OUT
EK01 APEX-EK01 Datasheet
247Kb / 4P
   EVALUATION KIT FOR SA01 PIN-OUT
EK06 APEX-EK06 Datasheet
174Kb / 2P
   EVALUATION KIT FOR SA60 PIN-OUT
EK15 APEX-EK15 Datasheet
257Kb / 4P
   EVALUATION KIT FOR SA08 PIN-OUT
EK26 APEX-EK26 Datasheet
199Kb / 2P
   EVALUATION KIT FOR PA60EU PIN-OUT
EK52 APEX-EK52 Datasheet
450Kb / 4P
   EVALUATION KIT FOR MP230FC/MP240FC PIN OUT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com