Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVLHQKD8 Datasheet(PDF) 3 Page - OPTEK Technologies

Part # OVLHQKD8
Description  Oval Orange LED Lamp(5 mm)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVLHQKD8 Datasheet(HTML) 3 Page - OPTEK Technologies

  OVLHQKD8 Datasheet HTML 1Page - OPTEK Technologies OVLHQKD8 Datasheet HTML 2Page - OPTEK Technologies OVLHQKD8 Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A
12/05
Page 3 of 3
Oval Orange LED Lamp (5 mm)
OVLHQKD8
Typical Electro-Optical Characteristics Curves
Far Field Pattern
50% Power Angle: H-H: 110° V-V: 50°
H-H
V-V
Forward Current vs Forward Voltage
V
mA
Relative Luminous Intensity vs Forward Current
%
mA
Maximum Forward DC Current vs Ambient
Temperature
mA
°C
Reverse Current vs Reverse Voltage
V
A
500
300
400
600
700
800
Relative Luminous Intensity vs Wavelength
mA
Half Power WL = 23nm
100
175
50
25
0
%


Similar Part No. - OVLHQKD8

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLHQKD8 TTELEC-OVLHQKD8 Datasheet
663Kb / 4P
   Oval Orange LED Lamp (5mm)
More results

Similar Description - OVLHQKD8

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVLHQKD8 TTELEC-OVLHQKD8 Datasheet
663Kb / 4P
   Oval Orange LED Lamp (5mm)
OVLKQGT6 TTELEC-OVLKQGT6 Datasheet
546Kb / 4P
   Oval Red-Orange LED Lamp
logo
OPTEK Technologies
OVLHGKD8 OPTEK-OVLHGKD8 Datasheet
590Kb / 3P
   Oval Green LED Lamp(5 mm)
OVLHBKD8 OPTEK-OVLHBKD8 Datasheet
586Kb / 3P
   Oval Blue LED Lamp (5 mm)
OVLHRKD8 OPTEK-OVLHRKD8 Datasheet
604Kb / 3P
   Oval Red LED Lamp (5 mm)
OVLKQGT6 OPTEK-OVLKQGT6 Datasheet
764Kb / 4P
   Oval Red-Orange LED Lamp (3mm)
logo
Cree, Inc
C5SMF-AJS CREE-C5SMF-AJS Datasheet
494Kb / 8P
   5-mm Oval LED
LO566TBG4-60G-A1 CREE-LO566TBG4-60G-A1 Datasheet
325Kb / 5P
   5-mm Oval LED
LO566TPG4-70G-A CREE-LO566TPG4-70G-A Datasheet
354Kb / 5P
   5-mm Oval LED
LO566TWN1-70G-A1 CREE-LO566TWN1-70G-A1 Datasheet
361Kb / 6P
   5-mm Oval LED
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com