Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPF345B Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPF345B
Description  Fiber Optic GaA lAs High Speed LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPF345B Datasheet(HTML) 2 Page - OPTEK Technologies

  OPF345B Datasheet HTML 1Page - OPTEK Technologies OPF345B Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Types OPF345A, OPF345B, OPF345C, OPF345D
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(214)323-2200
Fax (214)323-2396
Electrical Characteristics (TA = 25
o C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP MAX UNITS
TEST CONDITIONS
PO
Radiant Power Output
OPF345D
OPF345C
OPF345B
OPF345A
5.0
10.0
15.0
20.0
7.5
12.5
18.0
25.0
µW
IF = 100mA
(2)
VF
Forward Voltage
1.8
2.0
V
IF = 100mA
λp
Peak Output Wavelength
830
850
870
nm
IF = 50mA
B
Spectral Bandwidth Between Half Power Points
35
nm
IF = 50mA
tr
Output Rise Time
3.5
4.5
ns
IF = 100mA, 10%-90%
(5)
tf
Output Fall Time
3.5
4.5
ns
IF = 100mA, 90%-10%
(5)
Typical Performance Curves
Temperatures are
stepped in 25
o C
increments.
-50
o C
100
o C
Relative Coupled Power vs.
Forward Current
Forward Current - mA
-50
o C
100
o C
Temperatures are
stepped in 25
o C
increments.
8-45
Forward Voltage vs.
Forward Current
Forward Current - mA


Similar Part No. - OPF345B

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPF345 TTELEC-OPF345 Datasheet
784Kb / 4P
   Fiber Optic Transmitter
More results

Similar Description - OPF345B

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF390A OPTEK-OPF390A Datasheet
3Mb / 2P
   Fiber Optic GaA lAs High Speed LED
OPF395A OPTEK-OPF395A Datasheet
3Mb / 2P
   Fiber Optic GaA lAs High Speed LED
OPF371 OPTEK-OPF371 Datasheet
3Mb / 2P
   Fiber Optic GaA lAs LED
OPF391A OPTEK-OPF391A Datasheet
3Mb / 2P
   GaA lAs High Speed LED
OPF396 OPTEK-OPF396 Datasheet
3Mb / 2P
   Fi ber Op tic GaA lAs High Speed LED
OPF340 OPTEK-OPF340 Datasheet
3Mb / 2P
   Fi ber Op tic GaA lAs High Speed LED
OPF346 OPTEK-OPF346 Datasheet
3Mb / 2P
   Fi ber Op tic GaA lAs High Speed LED
OPF370A OPTEK-OPF370A Datasheet
3Mb / 2P
   Fi ber Op tic GaA lAs LED
OPF372A OPTEK-OPF372A Datasheet
3Mb / 2P
   Fi ber Op tic GaA lAs LED
logo
Micro Linear Corporatio...
ML6633 MICRO-LINEAR-ML6633 Datasheet
93Kb / 5P
   High Speed Fiber Optic LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com