Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB855 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB855
Description  Slotted Optical Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB855 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB855 Datasheet HTML 1Page - OPTEK Technologies OPB855 Datasheet HTML 2Page - OPTEK Technologies OPB855 Datasheet HTML 3Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A .1
12/05
Page 1 of 3
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Slotted Optical Switch
OPB855
Features:
• Low profile 0.27” (6.858 mm) overall height
• Printed PCBoard mounting
• 0.205” (5.21 mm) wide and 0.150 (3.81 mm) deep slot
• 0.380” (9.65 mm) lead spacing
• Opaque plastic housing
Description:
The OPB855 slotted optical switch consists of an infrared emitting diode and a NPN silicon phototransistor,
mounted on opposite sides of a 0.205” (5.21 mm) wide slot in an inexpensive plastic housing. Switching of the
phototransistor occurs whenever an opaque object passes through the slot.
Custom electrical, wire and cabling and connectors are available. Contact your local representative or OPTEK for
more information.
Product Photo Here
Ordering Information
OPB855
Phototransistor Output
Part Number
Description
RoHS
Pin #
Description
1
Anode
2
Cathode
3
Collector
4
Emitter
1
2
3
4
Applications:
Non-contact interruptive object sensing
Assembly line automation
Machine automation
Equipment security
Machine safety


Similar Part No. - OPB855

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB855 TTELEC-OPB855 Datasheet
650Kb / 3P
   Slotted Optical Switch
More results

Similar Description - OPB855

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
H22A1 FAIRCHILD-H22A1 Datasheet
320Kb / 5P
   SLOTTED OPTICAL SWITCH
QVA FAIRCHILD-QVA Datasheet
201Kb / 4P
   SLOTTED OPTICAL SWITCH
logo
QT Optoelectronics
H21A1 QT-H21A1 Datasheet
307Kb / 4P
   SLOTTED OPTICAL SWITCH
QVA11123 QT-QVA11123 Datasheet
179Kb / 3P
   slotted optical switch
logo
TT Electronics.
OPB917 TTELEC-OPB917 Datasheet
828Kb / 5P
   Slotted Optical Switch
OPB960 TTELEC-OPB960 Datasheet
1Mb / 6P
   Slotted Optical Switch
logo
OPTEK Technologies
OPB806 OPTEK-OPB806_05 Datasheet
284Kb / 3P
   Slotted Optical Switch
OPB202 OPTEK-OPB202 Datasheet
234Kb / 5P
   Slotted Optical Switch
logo
TT Electronics.
OPB827 TTELEC-OPB827 Datasheet
608Kb / 6P
   Slotted Optical Switch
OPB806 TTELEC-OPB806 Datasheet
650Kb / 4P
   Slotted Optical Switch
OPB818 TTELEC-OPB818 Datasheet
540Kb / 3P
   Slotted Optical Switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com