Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPB350L187 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OPB350L187
Description  Tube Liquid Sensor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPB350L187 Datasheet(HTML) 1 Page - OPTEK Technologies

  OPB350L187 Datasheet HTML 1Page - OPTEK Technologies OPB350L187 Datasheet HTML 2Page - OPTEK Technologies OPB350L187 Datasheet HTML 3Page - OPTEK Technologies OPB350L187 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747
FAX: (972) 323-2396 sensors@optekinc.com www.optekinc.com
Issue A.4
02/06
Page 1 of 4
Tube Liquid Sensor
OPB350 Series
Applications:
Non-contact fluid sensing
IV fluid
Oils and other petroleum products
Colored fluids
Toner fluids
Water
Ordering Information
Part Number
Package
LED Peak
Wavelength
Sensor
Tube
Size
Lead Length /
Spacing
OPB350
N
890 nm
Transistor
0.125"
0.330” / 0.320”
OPB350L187
0.187"
OPB350L250
0.250"
OPB350W187Z
0.187"
24" / 26 AWG Wire
OPB350W250Z
0.250"
T
Features:
• Can identify if liquid is present in clear tubes that have an
outside diameter of 1/8" (3.2mm), 3/16" (4.8mm) or 1/4" (6.3mm)
• Opaque plastic housing enhances ambient light rejection
• Printed circuit board mounting or 24” (610 mm) wires
Description:
The OPB350 series liquid sensor is designed to work with 1/8” (3.2mm), 3/16” (4.8mm) and 1/4” (6.3mm) outside
diameter clear tubes. When output reference circuitry is added, multiple output states such as “fluid present,” “no
fluid present” and “no tube present” can be recognized.
Clear liquid present causes the phototransistor to sink the maximum current, while dark liquid present causes it to
sink the minimum current. As bubbles pass through the tube, the signal will vary between the “liquid present” and
“no liquid” states. If no liquid is present, the phototransistor sinks only a small amount of current. If no tube is
present, the phototransistor sinks a larger current than in the “no liquid” state.
Smaller outside diameter tubes can be used when the tube is sized up to one of the standard sizes and is fitted
properly in the housing opening. For example, fluid in a 1/16” (1.6mm) outside diameter tube can be sensed
when a piece of tubing with a 1/8” (3.2mm) outside diameter and a 1/16” (1.6mm) inside diameter is used as an
adapter.
Product Photo Here
Opto Switch
LM393
or
LM339
LM393
or
LM339
Vcc
Gnd
Vcc
Vth
Vth
Vth
Gnd
Vth1
1
2
2
Output
Output
1
2
Typical Application Circuit
4
OPB350
“N”
Package
“T”
Package
RoHS


Similar Part No. - OPB350L187

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPB350L187 OPTEK-OPB350L187 Datasheet
715Kb / 24P
   Auto-Calibration Design Kit
logo
TT Electronics.
OPB350L187 TTELEC-OPB350L187 Datasheet
3Mb / 1P
   Tube Liquid Sensor
OPB350L187Z TTELEC-OPB350L187Z Datasheet
3Mb / 1P
   Tube Liquid Sensor
More results

Similar Description - OPB350L187

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPB350 TTELEC-OPB350 Datasheet
3Mb / 1P
   Tube Liquid Sensor
logo
Coto Technology
LSV COTO-LSV Datasheet
118Kb / 2P
   Liquid Level Sensor
LSH COTO-LSH Datasheet
131Kb / 2P
   Liquid Level Sensor
logo
List of Unclassifed Man...
VCS-02 ETC2-VCS-02 Datasheet
226Kb / 2P
   LIQUID LEVEL SENSOR
logo
Renesas Technology Corp
FS1023-DL RENESAS-FS1023-DL Datasheet
481Kb / 12P
   Liquid Flow Sensor Module
08/30/2022
FS1027-DL RENESAS-FS1027-DL Datasheet
491Kb / 12P
   Liquid Flow Sensor Module
Jul 1, 2021
FS1023 RENESAS-FS1023 Datasheet
439Kb / 7P
   Liquid Flow Sensor Module
FS1027 RENESAS-FS1027 Datasheet
567Kb / 6P
   Liquid Flow Sensor Module
FS1025 RENESAS-FS1025 Datasheet
715Kb / 6P
   Liquid Flow Sensor Module
logo
Omron Electronics LLC
F03-16PS OMRON-F03-16PS Datasheet
202Kb / 2P
   Liquid Leakage Point Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com