Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OP775A Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OP775A
Description  NPN Phototransistor with Collector- Emitter Capacitor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OP775A Datasheet(HTML) 2 Page - OPTEK Technologies

  OP775A Datasheet HTML 1Page - OPTEK Technologies OP775A Datasheet HTML 2Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Types OP775A, OP775B, OP775C, OP775D
Op tek re serves the right to make changes at any time in or der to im prove de sign and to sup ply the best prod uct pos si ble
Op tek Tech nol ogy, Inc.
1215 W. Crosby Road
Car roll ton, Texas 75006
(972)323- 2200
Fax (972)323- 2396
ElectricalCharacteristics (TA = 25
o C un less oth er wise noted)
SYMBOL
PARAMETER
MIN
TYP MAX UNITS
TEST CON DI TIONS
IC(ON)
On-State Collector Current
OP775D
OP775C
OP775B
OP775A
0.70
0.70
1.20
1.80
5.50
2.25
3.40
5.50
mA
VCE = 5.0 V, Ee = 1.0 mW/cm
2(3)
∆IC/∆T
Relative IC Changes with Temperature
100
%/ ° C
VCE = 5.0 V, Ee = 1.0 mW/cm
2,
λ = 935 nm
ICEO
Collector Dark Current
100
nA
VCE = 10.0 V, Ee = 0
V(BR)ECO
Emitter-Collector Breakdown Voltage
5.0
V
IE = 100
µA
VCE(SAT)
Collector-Emitter Saturation Voltage
0.40
V
IC = 100
µA, Ee = 1.0 mW/cm2(3)
CCE
Capacitance
1000
pF
VR = 0 V
Typi cal Per form ance Curves
Normalized Output
vs. Frequency
Frequency - KHz
RL - Load Resistance - KΩ
160
140
120
100
80
60
40
20
0
0
2
OP775
4
6
8
10
VCC = 5 V
VRL = 1 V
f = 100 Hz
PW = 1 mS
LED = GaAIAs, λ = 890 nm
VRL is voltage across RL
OP555
Typical Rise and Fall Time
vs. Load Resistance
OP775
VRL = 1 V
VCE = 5 V
50% Duty Cycle
LED: λ = 935 nm
RL = 10 K Ω
OP555
RL =
1.00
.75
0.50
0.25
0.00
1
10
100
1000


Similar Part No. - OP775A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP77 AD-OP77 Datasheet
458Kb / 12P
   NEXT GENERATION OP07, ULTRALOW OFFSET VOLTAGE OPERATIONAL AMPLIFIER
OP77 AD-OP77 Datasheet
317Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
REV. C
OP77 AD-OP77 Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
OP77 AD-OP77 Datasheet
245Kb / 16P
   Next Generation OP07 Ultralow Offset Voltage Operational Amplifier
Rev. E
logo
OPTEK Technologies
OP770A OPTEK-OP770A Datasheet
102Kb / 2P
   NPN Pho totransistor with Collector- Emitter Capacitor
More results

Similar Description - OP775A

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OP770A OPTEK-OP770A Datasheet
102Kb / 2P
   NPN Pho totransistor with Collector- Emitter Capacitor
logo
AVAGO TECHNOLOGIES LIMI...
CNY17-X AVAGO-CNY17-X Datasheet
142Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter
CNY17-4-500E AVAGO-CNY17-4-500E Datasheet
142Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-2-300E AVAGO-CNY17-2-300E Datasheet
113Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
CNY17-000E AVAGO-CNY17-000E Datasheet
142Kb / 7P
   Phototransistor Optocoupler High Collector-Emitter Voltage Type
logo
Samsung semiconductor
MJE210 SAMSUNG-MJE210 Datasheet
195Kb / 6P
   PNP (COLLECTOR-EMITTER SUSTAINING VOLTAGE LOW COLLECTOR-EMITTER)
logo
Sharp Corporation
PC853XJ0000F SHARP-PC853XJ0000F Datasheet
276Kb / 15P
   DIP 4pin Darlington Phototransistor Ouput,High Collector-emitter Voltage Photocoupler
logo
New Jersey Semi-Conduct...
2N6282 NJSEMI-2N6282 Datasheet
229Kb / 2P
   COLLECTOR-EMITTER VOLTAGE
2N6051 NJSEMI-2N6051 Datasheet
146Kb / 1P
   COLLECTOR-EMITTER VOLTAGE
2N6413 NJSEMI-2N6413 Datasheet
182Kb / 2P
   COLLECTOR-EMITTER VOLTAGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com