Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2835GPIM89 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CM2835GPIM89
Description  300mA CMOS LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM2835GPIM89 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CM2835GPIM89 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2835GPIM89 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2835GPIM89 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2835GPIM89 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2835GPIM89 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2835GPIM89 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2835GPIM89 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2835GPIM89 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2835GPIM89 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
CM2835
300mA CMOS LDO
2006/01/23 Rev1.2
Champion Microelectronic Corporation
Page 3
ORDERING INFORMATION
Part Number
Output Voltage
Temperature Range
Package
CM2835DIM23
1.8V
-40℃ ~ +85℃
SOT-23
CM2835DIM89
1.8V
-40℃ ~ +85℃
SOT-89
CM2835KIM23
2.5V
-40℃ ~ +85℃
SOT-23
CM2835KIM89
2.5V
-40℃ ~ +85℃
SOT-89
CM2835PIM23
3.0V
-40℃ ~ +85℃
SOT-23
CM2835PIM89
3.0V
-40℃ ~ +85℃
SOT-89
CM2835SIM23
3.3V
-40℃ ~ +85℃
SOT-23
CM2835SIM89
3.3V
-40℃ ~ +85℃
SOT-89
CM2835GDIM23
1.8V
-40℃ ~ +85℃
SOT-23
CM2835GDIM89
1.8V
-40℃ ~ +85℃
SOT-89
CM2835GKIM23
2.5V
-40℃ ~ +85℃
SOT-23
CM2835GKIM89
2.5V
-40℃ ~ +85℃
SOT-89
CM2835GNIM23
2.8V
-40℃ ~ +85℃
SOT-23
CM2835GNIM89
2.8V
-40℃ ~ +85℃
SOT-89
CM2835GPIM23
3.0V
-40℃ ~ +85℃
SOT-23
CM2835GPIM89
3.0V
-40℃ ~ +85℃
SOT-89
CM2835GSIM23
3.3V
-40℃ ~ +85℃
SOT-23
CM2835GSIM89
3.3V
-40℃ ~ +85℃
SOT-89
Note: For other pre-set output voltage requirements, please contact Champion Sales office.
ABSOLUTE MAXIMUM RATINGS
OPERATING RATINGS
Input Voltage …………….……………………………. +7V
Output Current …………………….……
PD / (VIN - Vo) mA
Output Voltage …………………… GND-0.3V to VIN+0.3V
ESD Classification ………………………………………… B
Ambient Temperature Range (TA) ……... -40℃ to +85℃
Junction Temperature Range …..…..... -40℃ to +150℃
THERMAL INFORMATION
Parameter
Maximum
Unit
SOT-23
170
Thermal Resistance (Θjc)
SOT-89
100
/W
SOT-23
330
Thermal Resistance (Θja)
SOT-89
300
/W
SOT-23
225
Internal Power Dissipation (PD)
(ΔT = 100℃)
SOT-89
400
mW
Maximum Junction Temperature
150
Maximum Lead Temperature (10 Sec)
300
*With Junction sink capable of twice times ofΘjc
Caution: Stress above the listed absolute rating may cause permanent damage to the device.


Similar Part No. - CM2835GPIM89

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2835GPIM89 CHAMP-CM2835GPIM89 Datasheet
373Kb / 9P
   300mA CMOS LDO
More results

Similar Description - CM2835GPIM89

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8804 AME-AME8804 Datasheet
97Kb / 12P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
E-Tech Electronics LTD
L1183A ETL-L1183A Datasheet
186Kb / 6P
   300mA CMOS LDO
logo
Unisonic Technologies
L1183B UTC-L1183B_12 Datasheet
191Kb / 7P
   300mA CMOS LDO
logo
Analog Microelectronics
AME8804 AME-AME8804_12 Datasheet
171Kb / 18P
   300mA CMOS LDO
AME8824 AME-AME8824_08 Datasheet
166Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803_08 Datasheet
218Kb / 19P
   300mA CMOS LDO
AME8800 AME-AME8800_08 Datasheet
365Kb / 36P
   300mA CMOS LDO
AME8801 AME-AME8801 Datasheet
114Kb / 14P
   300mA CMOS LDO
AME8803 AME-AME8803 Datasheet
117Kb / 13P
   300mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com