Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM2860GKIM223 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # CM2860GKIM223
Description  600mA CMOS LDO
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM2860GKIM223 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  CM2860GKIM223 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM2860GKIM223 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM2860GKIM223 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM2860GKIM223 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM2860GKIM223 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM2860GKIM223 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM2860GKIM223 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM2860GKIM223 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM2860GKIM223 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CM2860/CM2861
600mA CMOS LDO
2004/05/12 Rev. 1.5
Champion Microelectronic Corporation
Page 3
ORDERING INFORMATION
Part Number
Output Voltage
Temperature Range
Package
CM2860KIM89
2.5V
-40℃ ~ +85℃
SOT-89
CM2860KIM223
2.5V
-40℃ ~ +85℃
SOT-223
CM2860SIM89
3.3V
-40℃ ~ +85℃
SOT-89
CM2860SIM223
3.3V
-40℃ ~ +85℃
SOT-223
CM2861KIM223
2.5V
-40℃ ~ +85℃
SOT-223
CM2861SIM223
3.3V
-40℃ ~ +85℃
SOT-223
CM2860GKIM89
2.5V
-40℃ ~ +85℃
SOT-89
CM2860GKIM223
2.5V
-40℃ ~ +85℃
SOT-223
CM2860GSIM89
3.3V
-40℃ ~ +85℃
SOT-89
CM2860GSIM223
3.3V
-40℃ ~ +85℃
SOT-223
CM2861GKIM223
2.5V
-40℃ ~ +85℃
SOT-223
CM2861GSIM223
3.3V
-40℃ ~ +85℃
SOT-223
Note: For other pre-set output voltage, please contact Champion Sales office.
ABSOLUTE MAXIMUM RATINGS
OPERATING RATINGS
Input Voltage
…………….……………………………. +7V
Output Current
…………………….………………….
1A
Output Voltage
…………………… GND-0.3V to VIN+0.3V
ESD Classification
………………………………………… B
Ambient Temperature Range (TA) ……... -40℃ to +85℃
Junction Temperature Range
…..…... -40℃ to +125℃
THERMAL INFORMATION
Parameter
Maximum
Unit
SOT-89
100
Thermal Resistance (Θjc)
SOT-223
50
℃/W
SOT-89
180
Thermal Resistance (Θja)
SOT-223
100
℃/W
SOT-89
400
SOT-223 (CM2860)
900
Internal Power Dissipation (PD)
(ΔT = 100℃, No Heatsink)
SOT-223 (CM2861)
800
mW
Maximum Junction Temperature
150
Maximum Lead Temperature (10 Sec)
300
Caution: Stress above the listed absolute rating may cause permanent damage to the device.


Similar Part No. - CM2860GKIM223

ManufacturerPart #DatasheetDescription
logo
Champion Microelectroni...
CM2860GKIM223 CHAMP-CM2860GKIM223 Datasheet
287Kb / 10P
   600mA CMOS LDO
More results

Similar Description - CM2860GKIM223

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
logo
Asahi Kasei Microsystem...
AME8863 AKM-AME8863 Datasheet
108Kb / 12P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com