Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CM431LGACM2R3 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CM431LGACM2R3
Description  LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CM431LGACM2R3 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CM431LGACM2R3 Datasheet HTML 1Page - List of Unclassifed Manufacturers CM431LGACM2R3 Datasheet HTML 2Page - List of Unclassifed Manufacturers CM431LGACM2R3 Datasheet HTML 3Page - List of Unclassifed Manufacturers CM431LGACM2R3 Datasheet HTML 4Page - List of Unclassifed Manufacturers CM431LGACM2R3 Datasheet HTML 5Page - List of Unclassifed Manufacturers CM431LGACM2R3 Datasheet HTML 6Page - List of Unclassifed Manufacturers CM431LGACM2R3 Datasheet HTML 7Page - List of Unclassifed Manufacturers CM431LGACM2R3 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM431LGACM2R3 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
CM431L
LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
GENERAL DESCRIPTION
FEATURES
LOW voltage operation(1.24V)
Adjustable output voltage V0 = VREF to 20V
Wide operating current range 60
μA to 100mA
LOW dynamic output impedance 0.25
Ω typ.
Trimmed bandgap design
± 0.5%
APPLICATIONS
The CM431L is a low voltage three terminal adjustable shunt
regulator with thermal stability guaranteed over temperature.
The output voltage can be adjusted to any value from 1.24V
VREF)to 20V with two external resistors. The CM431L has a
typical dynamic output impedance of 0.25
Ω. Active output
circuitry provides a very sharp turn on characteristic, making
the CM431L an excellent replacement for zener diodes.
The CM431L shunt regulator is available in four voltage
tolerances(0.5%, 0.7%, 1.0% and 2.0%)and four package
options (SOT-23-3, SOT-23-5, SOT-89, TO-92, and SOP-8).
Four voltage tolerances allow the designer the opportunity to
select the proper cost/tolerance for their application.
Linear Regulators
Adjustable Supplies
Switching Power Supplies
Battery Operated Computers
Instrumentation
Computer Disk Drivers
PIN CONFIGURATION
TO-92
Front View
1
23
SOT-23-3
Top View
1
3
2
CM431LXCM233 CM431LXCM2R3
Pin 1
REF
CATHODE
Pin 2
CATHODE
REF
Pin 3
ANODE
ANODE
Suffix “X”: Grade “A”, “B”, “C”, or “D”
2006/02/10 Rev. 5
Champion Microelectronic Corporation
Page 1
SOT-23-5
Top View
1
5
3
2
4
SOT-89
Top View
1
23
SOP-8
Top View
1
2
3
4
8
7
6
5
CATHODE
NC
NC
NC
REF
NC
ANODE
NC


Similar Part No. - CM431LGACM2R3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Chicago Miniature Lamp,...
CM431 CML-CM431 Datasheet
227Kb / 1P
   G-4 1/2 Miniature Bayonet Base
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Visual Communications C...
CM431 VCC-CM431 Datasheet
27Kb / 1P
   Base
logo
Powerex Power Semicondu...
CM431255 POWEREX-CM431255 Datasheet
93Kb / 4P
   Dual SCR POW-R-BLOK??Modules 55 Amperes/1200-1600 Volts
More results

Similar Description - CM431LGACM2R3

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AHK432 AAT-AHK432 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Champion Microelectroni...
CM431 CHAMP-CM431 Datasheet
221Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L_07 Datasheet
207Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
List of Unclassifed Man...
CM431A ETC-CM431A Datasheet
416Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432_05 Datasheet
152Kb / 10P
   Adjustable Low Voltage Shunt Regulator
logo
Semtech Corporation
SC431L SEMTECH-SC431L_08 Datasheet
208Kb / 10P
   Low Voltage Adjustable Shunt Regulator
logo
Champion Microelectroni...
CM431A CHAMP-CM431A Datasheet
348Kb / 14P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
List of Unclassifed Man...
CM431 ETC-CM431 Datasheet
223Kb / 12P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR
logo
Semtech Corporation
SC431L SEMTECH-SC431L Datasheet
261Kb / 7P
   LOW VOLTAGE ADJUSTABLE SHUNT REGULATOR?
logo
Advanced Analogic Techn...
AHK432 ANALOGICTECH-AHK432 Datasheet
274Kb / 8P
   Adjustable Low Voltage Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com